Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 118 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 118 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 114Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 115Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 116Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 117Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 118Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 119Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 120Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 121Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 122Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 186 page
background image
118
AT89C5130A/31A-M
4337G–USB–11/06
Serial Interface Engine (SIE)
The SIE performs the following functions:
•
NRZI data encoding and decoding.
•
Bit stuffing and un-stuffing.
•
CRC generation and checking.
•
Handshakes.
•
TOKEN type identifying.
•
Address checking.
•
Clock generation (via DPLL).
Figure 57.
SIE Block Diagram
End of Packet
Detection
Start of Packet
Detection
D+
D-
Clock
Recovery
SYNC Detection
PID Decoder
Address Decoder
Serial to
Parallel Conversion
CRC5 and CRC16
Generation/Check
USB Pattern Generator
Parallel to Serial Converter
Bit Stuffing
NRZI Converter
CRC16 Generator
NRZI ‘NRZ
Bit Un-stuffing
Packet Bit Counter
Clk48
(48 MHz)
SysClk
(12 MHz)
DataIn [7:0]
DataOut
8
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com