Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT89C5130A-RDTUM Datasheet(PDF) 169 Page - ATMEL Corporation

Part # AT89C5130A-RDTUM
Description  8-bit Flash Microcontroller with Full Speed USB Device
PDF  186 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89C5130A-RDTUM Datasheet(HTML) 169 Page - ATMEL Corporation

Back Button AT89C5130A-RDTUM Datasheet HTML 165Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 166Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 167Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 168Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 169Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 170Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 171Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 172Page - ATMEL Corporation AT89C5130A-RDTUM Datasheet HTML 173Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 186 page
background image
169
AT89C5130A/31A-M
4337G–USB–11/06
Shift Register Timing Waveform
External Clock Drive
Characteristics (XTAL1)
Table 122.
AC Parameters
External Clock Drive
Waveforms
AC Testing Input/Output
Waveforms
AC inputs during testing are driven at VCC - 0.5 for a logic “1” and 0.45V for a logic “0”.
Timing measurement are made at VIH min for a logic “1” and VIL max for a logic “0”.
Float Waveforms
VALID
VALID
VALID
VALID
VALID
VALID
INPUT DATA
VALID
01
23
45
6
8
7
ALE
CLOCK
OUTPUT DATA
WRITE to SBUF
CLEAR RI
TXLXL
TQVXH
TXHQX
TXHDV
TXHDX
SET TI
SET RI
INSTRUCTION
01
2345
6
7
VALID
Symbol
Parameter
Min
Max
Units
TCLCL
Oscillator Period
21
ns
TCHCX
High Time
5
ns
TCLCX
Low Time
5
ns
TCLCH
Rise Time
5
ns
TCHCL
Fall Time
5
ns
TCHCX/TCLCX Cyclic ratio in X2 mode
40
60
%
VCC-0.5V
0.45V
0.7VCC
0.2VCC-0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX
INPUT/OUTPUT
0.2 VCC + 0.9
0.2 VCC - 0.1
VCC -0.5V
0.45V
FLOAT
VOH - 0.1 V
VOL + 0.1 V
VLOAD
VLOAD + 0.1 V
VLOAD - 0.1 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com