Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 3 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 3 Page - Texas Instruments

  AMC131M02DFMR Datasheet HTML 1Page - Texas Instruments AMC131M02DFMR Datasheet HTML 2Page - Texas Instruments AMC131M02DFMR Datasheet HTML 3Page - Texas Instruments AMC131M02DFMR Datasheet HTML 4Page - Texas Instruments AMC131M02DFMR Datasheet HTML 5Page - Texas Instruments AMC131M02DFMR Datasheet HTML 6Page - Texas Instruments AMC131M02DFMR Datasheet HTML 7Page - Texas Instruments AMC131M02DFMR Datasheet HTML 8Page - Texas Instruments AMC131M02DFMR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 89 page
background image
5 Pin Configuration and Functions
10
4
3
2
1
14
15
16
17
DIN
13
DOUT
9
5
8
7
6
18
19
20
SCLK
CS
DGND
11
12
DCDC_OUT
GPO
AIN1N
AIN1P
AIN0P
AIN0N
SYNC/RESET
CLKIN
DRDY
DVDD
DCDC_HGND
HLDO_IN
HLDO_OUT
HGND
DCDC_CAP
Figure 5-1. DFM Package, 20-Pin SOIC (Top View)
Table 5-1. Pin Functions
PIN
TYPE
DESCRIPTION(1)
NO.
NAME
1
DCDC_OUT
Supply
High-side output of the DC/DC converter. Connect this pin to the HLDO_IN pin.(2)
2
DCDC_HGND
Supply
High-side ground reference for the DC/DC converter. Connect this pin to the HGND
pin.(2)
3
HLDO_IN
Supply
Input of the high-side low-dropout (LDO) regulator. Connect this pin to the
DCDC_OUT pin.(2)
4
HLDO_OUT
Supply
Output of the high-side LDO.(2)
5
HGND
Supply
High-side analog signal ground. Connect this pin to the DCDC_HGND pin.
6
GPO
Digital output
General-purpose output.
7
AIN1N
Analog input
Negative analog input 1.
8
AIN1P
Analog input
Positive analog input 1.
9
AIN0P(3)
Analog input
Positive analog input 0.
10
AIN0N(3)
Analog input
Negative analog input 0.
11
SYNC/RESET
Digital input
Conversion synchronization or system reset; active low.
12
DOUT
Digital output
Serial data output.
13
DVDD
Supply
Low-side analog and digital power supply.(2)
14
DCDC_CAP
Supply
Low-side input of the DC/DC converter, internally connected to the output of the
primary-side LDO.(2)
15
DGND
Supply
Low-side analog and digital ground.(2)
16
DRDY
Digital output
Data ready; active low.
17
CLKIN
Digital input
Main clock input.
18
SCLK
Digital input
Serial data clock.
19
CS
Digital input
Chip select; active low.
20
DIN
Digital input
Serial data input.
(1)
See the Unused Inputs and Outputs section for details on how to connect unused pins.
(2)
See the Power Supply Recommendations section for power-supply decoupling recommendations.
(3)
Use AIN0P and AIN0N for the measurement with the most stringent precision requirements.
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
3
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com