Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 33 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 33 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 29Page - Texas Instruments AMC131M02DFMR Datasheet HTML 30Page - Texas Instruments AMC131M02DFMR Datasheet HTML 31Page - Texas Instruments AMC131M02DFMR Datasheet HTML 32Page - Texas Instruments AMC131M02DFMR Datasheet HTML 33Page - Texas Instruments AMC131M02DFMR Datasheet HTML 34Page - Texas Instruments AMC131M02DFMR Datasheet HTML 35Page - Texas Instruments AMC131M02DFMR Datasheet HTML 36Page - Texas Instruments AMC131M02DFMR Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 89 page
background image
Regarding the conversion data after power-up, pay attention to the following:
• The high-to-low transition of DRDY indicates that new conversion data are available. As given in Figure 8-16,
ADC data are only valid if the SEC_FAIL reads 0b during the conversion period. The first two conversion
results shown in Figure 8-16, represent invalid data.
• When the ADC generates valid data, the digital filter must settle, as described in the SINC3 and SINC3 +
SINC1 Filter section. Two subsequent conversion results illustrated in Figure 8-16 are unsettled (assuming
OSR equals 1024), and the last conversion result shown provides valid and settled data.
• For best control of the conversion timing, especially in a system where multiple devices of the AMC131M02
are used, trigger a synchronization using the SYNC/RESET pin before the host collects conversion data from
the ADC. See the Synchronization section for more details regarding how to synchronize the device.
In Figure 8-16, tPOR_SEC is the time from enabling the DC/DC converter to the first falling edge of the SEC_FAIL
bit, which indicates that the secondary power supply at the HLDO_OUT pin is stable. tPOR_DVDD is the time from
DVDD supply at 90% to DRDY first rising edge.
tPOR_DVDD
Invalid data
Unsettled
filter data
Unsettled
filter data
Valid Sinc
3
filter data
tDATA
tDATA
...
...
...
...
DVDD
90%
DRDY
CLKIN
SEC_FAIL
HLDO_OUT
90%
tPOR_SEC
...
SPI write to
configure
registers
Invalid data
tDATA
tDATA
Figure 8-16. Start-Up Behavior at Power-Up and Settling Times, OSR = 1024
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
33
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com