Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 13 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 13 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 9Page - Texas Instruments AMC131M02DFMR Datasheet HTML 10Page - Texas Instruments AMC131M02DFMR Datasheet HTML 11Page - Texas Instruments AMC131M02DFMR Datasheet HTML 12Page - Texas Instruments AMC131M02DFMR Datasheet HTML 13Page - Texas Instruments AMC131M02DFMR Datasheet HTML 14Page - Texas Instruments AMC131M02DFMR Datasheet HTML 15Page - Texas Instruments AMC131M02DFMR Datasheet HTML 16Page - Texas Instruments AMC131M02DFMR Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 89 page
background image
6.12 Typical Characteristics (continued)
for channel 0 at TA = 25°C, DVDD = 3.3 V, fCLKIN = 8.192 MHz, data rate = 4 kSPS (OSR = 1024 and clock divider NDIV = 2),
high-resolution mode, with all channels enabled, global-chop mode disabled, and gain = 1 (unless otherwise noted)
30 units, 85°C
Figure 6-10. Offset Error vs Time
0
200
400
600
800
1000
Time (hours)
-80
-60
-40
-20
0
20
40
60
80
100
120
30 units, 85°C
Figure 6-11. Gain Error vs Time
Figure 6-12. Gain Error vs Gain
-40
-20
0
20
40
60
80
100
120
140
Temperature (°C)
-0.10
-0.05
0.00
0.05
0.10
0.15
0.20
Channel 0
Channel 1
Figure 6-13. Gain Error vs Temperature
1
2
4
8
16
32
64
128
Gain (V/V)
60
70
80
90
100
110
120
Channel 0
Channel 1
Figure 6-14. Dynamic Range vs Gain
64
128
256
512
1024
2048
4096
8192
16384
OSR
80
85
90
95
100
105
110
115
120
HR Mode
LP Mode
Figure 6-15. Dynamic Range vs OSR
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com