Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 38 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 38 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 34Page - Texas Instruments AMC131M02DFMR Datasheet HTML 35Page - Texas Instruments AMC131M02DFMR Datasheet HTML 36Page - Texas Instruments AMC131M02DFMR Datasheet HTML 37Page - Texas Instruments AMC131M02DFMR Datasheet HTML 38Page - Texas Instruments AMC131M02DFMR Datasheet HTML 39Page - Texas Instruments AMC131M02DFMR Datasheet HTML 40Page - Texas Instruments AMC131M02DFMR Datasheet HTML 41Page - Texas Instruments AMC131M02DFMR Datasheet HTML 42Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 89 page
background image
8.4.7 Power Modes
In both continuous-conversion and global-chop mode, there are two selectable power modes that allow scaling
of power with bandwidth and performance: high-resolution (HR) mode and low-power (LP) mode. The mode
is selected by the PWR[1:0] bits in the CLOCK register. Changing the PWR[1:0] bits scales the internal
bias currents to achieve the expected power levels. See the Recommended Operating Conditions table for
restrictions on the CLKIN frequency for each power mode.
8.4.8 Standby Mode
Standby mode is a low-power state in which all channels are disabled, and the reference and other non-essential
circuitry are powered down. This mode differs from completely powering down the device because the device
retains the register settings. Set the DCDC_EN bit in the DCDC_CTRL register to 0b to disable the DC/DC
converter before entering standby mode. Enter standby mode by sending the STANDBY command (0022h).
Stop toggling CLKIN when the device is in standby mode to minimize device power consumption. Exit standby
mode by sending the WAKEUP command (0033h).
8.5 Programming
8.5.1 Serial Interface
The AMC131M02 uses an SPI-compatible interface to configure the device and retrieve conversion data. The
device always acts as an SPI peripheral; SCLK and CS are inputs to the interface. The interface operates in SPI
mode 1, where CPOL = 0 and CPHA = 1. In SPI mode 1, SCLK idles low and data are launched or changed
only on SCLK rising edges; data are latched or read by the controller and peripheral on SCLK falling edges.
The interface is full-duplex, meaning data can be sent and received simultaneously by the interface. The device
includes the typical SPI signals: SCLK, CS, DIN, and DOUT. In addition, there are two other digital pins that
provide functionality. The DRDY pin serves as a flag to the host to indicate new conversion data are available.
The SYNC/RESET pin is a dual-function pin that allows synchronization of conversions to an external event and
allows for a hardware device reset.
8.5.1.1 Chip Select (CS)
The CS pin is an active low input signal that selects the device for communication. The device ignores any
communication and DOUT is high impedance when CS is held high. Hold CS low for the duration of a
communication frame to ensure proper communication. The interface is reset each time CS is taken high.
8.5.1.2 Serial Data Clock (SCLK)
The SCLK pin is an input that serves as the serial clock for the interface. Output data on the DOUT pin
transitions on the rising edge of SCLK and input data on DIN are latched on the falling edge of SCLK.
8.5.1.3 Serial Data Input (DIN)
The DIN pin is the peripheral in, controller out (PICO) pin for the device. Serial commands are shifted in through
the DIN pin by the device with each SCLK falling edge when the CS pin is low.
8.5.1.4 Serial Data Output (DOUT)
The DOUT pin is the peripheral out, controller in (POCI) pin for the device. The device shifts out command
responses and ADC conversion data serially with each rising SCLK edge when the CS pin is low. This pin
assumes a high-impedance state when CS is high.
8.5.1.5 Data Ready (DRDY)
The DRDY pin is an active-low output that indicates when new conversion data are ready in conversion mode.
Connect the DRDY pin to an input on the host to trigger periodic data retrieval in conversion mode. The period
between each DRDY falling edge is the data rate period.
The timing of DRDY with respect to the sampling of a given channel on the AMC131M02 depends on the
phase calibration setting of the channel and the state of the DRDY_SEL[1:0] bits in the MODE register. Setting
the DRDY_SEL[1:0] bits to 00b configures DRDY to assert when the channel with the largest positive phase
calibration setting, or the most lagging, has a new conversion result. When the bits are 01b, the device asserts
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
38
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com