Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 68 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 68 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 64Page - Texas Instruments AMC131M02DFMR Datasheet HTML 65Page - Texas Instruments AMC131M02DFMR Datasheet HTML 66Page - Texas Instruments AMC131M02DFMR Datasheet HTML 67Page - Texas Instruments AMC131M02DFMR Datasheet HTML 68Page - Texas Instruments AMC131M02DFMR Datasheet HTML 69Page - Texas Instruments AMC131M02DFMR Datasheet HTML 70Page - Texas Instruments AMC131M02DFMR Datasheet HTML 71Page - Texas Instruments AMC131M02DFMR Datasheet HTML 72Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 89 page
background image
8.6.17 DCDC_CTRL Register (Address = 31h) [Reset = 0000h]
Return to the Summary Table.
Figure 8-47. DCDC_CTRL Register
15
14
13
12
11
10
9
8
RESERVED
DCDC_FREQ[3:0]
R/W-0000b
R/W-0000b
7
6
5
4
3
2
1
0
RESERVED
DCDC_EN
R/W-0000000b
R/W-0b
Table 8-31. DCDC_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
15:12
RESERVED
R/W
0000b
Reserved
Always write 0000b
11:8
DCDC_FREQ[3:0]
R/W
0000b
DC/DC frequency range selection
Selects the range of the modulator clock frequency, based on the frequency at the CLKIN
pin and clock divider ratio.
0000b = 3.76 MHz to 4.10 MHz
0001b = 3.52 MHz to 3.84 MHz
0010b = 3.30 MHz to 3.59 MHz
0011b = 3.09 MHz to 3.36 MHz
0100b = 2.89 MHz to 3.15 MHz
0101b = 2.71 MHz to 2.95 MHz
0110b = 2.53 MHz to 2.76 MHz
0111b = 2.37 MHz to 2.59 MHz
1000b = 2.22 MHz to 2.42 MHz
1001b = 2.08 MHz to 2.27 MHz
1010b = 1.95 MHz to 2.12 MHz
1011b = 1.82 MHz to 1.99 MHz
1100b = 1.71 MHz to 1.86 MHz
1101b = 1.60 MHz to 1.74 MHz
1110b = 1.50 MHz to 1.63 MHz
1111b = 1.40 MHz to 1.53 MHz
7:1
RESERVED
R/W
0000000b
Reserved
Always write 0000000b
0
DCDC_EN
R/W
0b
DC/DC enable
Enables the integrated DC/DC converter.
0b = Disabled
1b = Enabled
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
68
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com