Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 73 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 73 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 69Page - Texas Instruments AMC131M02DFMR Datasheet HTML 70Page - Texas Instruments AMC131M02DFMR Datasheet HTML 71Page - Texas Instruments AMC131M02DFMR Datasheet HTML 72Page - Texas Instruments AMC131M02DFMR Datasheet HTML 73Page - Texas Instruments AMC131M02DFMR Datasheet HTML 74Page - Texas Instruments AMC131M02DFMR Datasheet HTML 75Page - Texas Instruments AMC131M02DFMR Datasheet HTML 76Page - Texas Instruments AMC131M02DFMR Datasheet HTML 77Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 89 page
background image
To correct for gain error, divide each offset-corrected conversion result by the measured gain. The
AMC131M02 multiplies each conversion result by the gain calibration factor stored in the CHn_GCAL_MSB
and CHn_GCAL_LSB registers according to the method described in the Calibration Registers section. The host
can program the measured inverted gain values for each channel into these registers to have them automatically
corrected for each sample.
The AMC131M02 can also correct for system phase error introduced by sensors. For this design, PCB routing
from the shunt to the ADC input (and from the voltage measurement resistive divider) can introduce some
phase error into the system. Some designs use a software method for phase correction, but the AMC131M02
can perform this function in real time. The system must first measure the phase relationships between the
various channels. Then the AMC131M02 defines one channel as phase 0. Subsequently, the PHASEn bits in the
CHn_CFG registers corresponding to the various other channels can be edited to correct the phase relationship
relative to the phase 0 channels.
9.1.6 Troubleshooting
Table 9-1 lists common issues faced when designing with the AMC131M02 and the corresponding solutions.
This list is not comprehensive.
Table 9-1. Troubleshooting Common Issues Using the AMC131M02
ISSUE
POSSIBLE ROOT CAUSE
POSSIBLE SOLUTION
The DRDY pin is toggling at half the expected
frequency.
The DRDY_FMT bit is set to 1b and ADC
conversion data are not being read. The
updates of the conversion data in the FIFO
buffer drive the DRDY pin. If the host does
not read the conversion data, the data in
the FIFO buffer are updated every other
conversion. This update causes the DRDY
pin to toggle at half the output data rate.
See the ADC Output Buffer and FIFO Buffer
section for a detailed explanation.
Read data after each DRDY falling edge
following the recommendations given in the
Collecting Data for the First Time or After a
Pause in Data Collection section.
The F_RESYNC bit is set in the STATUS
word even though this bit was already
cleared.
The SYNC/RESET pin is being toggled
asynchronously to CLKIN.
The SYNC/RESET pin functions as a
constant synchronization check, rather than
a convert start pin. See the Synchronization
section for more details on the intended
usage of the SYNC/RESET pin.
The same ADC conversion data are output
multiple times before changing.
The ADC does not recognize the data as
being read because not all ADC channel data
are read by the host.
Read all data words in the output data
frame, including those for channels that are
disabled.
The SEC_FAIL bit in the STATUS register is
set, even if the power on the secondary side
appears to be stable, for example after an
SPI write operation.
Writing data to any of the ADC configuration
registers on the high side also sets the
SEC_FAIL bit until the transmission over the
isolation barrier is complete.
Read the SEC_FAIL bit in the STATUS
register repeatedly until the bit is cleared to
0b, before reading ADC conversion data.
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
73
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com