Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 25 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 25 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 21Page - Texas Instruments AMC131M02DFMR Datasheet HTML 22Page - Texas Instruments AMC131M02DFMR Datasheet HTML 23Page - Texas Instruments AMC131M02DFMR Datasheet HTML 24Page - Texas Instruments AMC131M02DFMR Datasheet HTML 25Page - Texas Instruments AMC131M02DFMR Datasheet HTML 26Page - Texas Instruments AMC131M02DFMR Datasheet HTML 27Page - Texas Instruments AMC131M02DFMR Datasheet HTML 28Page - Texas Instruments AMC131M02DFMR Datasheet HTML 29Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 89 page
background image
After two conversions, the device switches to and remains in the sinc3 filter path until the next time the device is
powered down or reset.
The fast-settling filter exhibits wider bandwidth and less stop-band attenuation than the sinc3 filter. Consequently,
the noise performance when using the fast-settling filter is not as high as with the sinc3 filter. The first two
samples available from the AMC131M02 after a supply ramp or reset have the noise performance and frequency
response corresponding to the fast-settling filter, whereas subsequent samples have the noise performance and
frequency response consistent with the sinc3 filter. See the Start-Up Behavior After Power-Up section for more
details regarding the start-up capabilities of the AMC131M02.
8.3.11.1.2 SINC3 and SINC3 + SINC1 Filter
The AMC131M02 selects the sinc3 filter path two conversions after power-up or device reset. For OSR settings
of 64 to 1024, the sinc3 filter output directly feeds into the global-chop and calibration logic. For OSR settings of
2048 and higher, the sinc3 filter is followed by a sinc1 filter. The sinc3 filter operates at a fixed OSR of 1024 in this
case while the sinc1 filter implements the additional OSRs of 2 to 16. Thus, when an OSR of 4096 (for example)
is selected, the sinc3 filter operates at an OSR of 1024 and the sinc1 filter operates at an OSR of 4.
The filter has infinite attenuation at integer multiples of the data rate except for integer multiples of fMOD. As
with all digital filters, the digital filter response of the AMC131M02 repeats at integer multiples of the modulator
frequency, fMOD. The data rate and filter notch frequencies scale with fMOD.
When possible, plan frequencies for unrelated periodic processes in the application for integer multiples of the
data rate such that any parasitic effect on data acquisition is effectively canceled by the notches of the digital
filter. Avoid frequencies near integer multiples of fMOD whenever possible because tones in these bands can
alias to the band of interest.
The sinc3 and sinc3 + sinc1 filters for a given channel require time to settle after a channel is enabled, the
channel multiplexer or gain setting is changed, or a resynchronization event occurs. See the Synchronization
section for more details on resynchronization. Table 8-5 lists the settling times of the sinc3 and sinc3 + sinc1
filters for each OSR setting. The AMC131M02 does not gate unsettled data. Therefore, the host must account
for the filter settling time and disregard unsettled data if any are read. Wait for the duration of the settling times
listed in Table 8-5 plus one additional conversion cycle before the data that was read can be considered valid.
Table 8-5. Digital Filter Settling Times
OSR (OVERALL)
OSR (SINC3)
OSR (SINC1)
SETTLING TIME,
detailed (tCLKIN)
SETTLING TIME, total
(tCLKIN)
64
64
N/A
3 × 64 + 44 + 4
240
128
128
N/A
3 × 128 + 44 + 4
432
256
256
N/A
3 × 256 + 44 + 4
816
512
512
N/A
3 × 512 + 44 + 4
1584
1024
1024
N/A
3 × 1024 + 44 + 4
3120
2048
1024
2
6 × 1024 + 44 + 4
6192
4096
1024
4
10 × 1024 + 44 + 4
10288
8192
1024
8
18 × 1024 + 44 + 4
18480
16384
1024
16
34 × 1024 + 44 + 4
34864
8.3.11.2 Digital Filter Characteristic
Equation 6 calculates the z-domain transfer function of a sinc3 filter that is used for OSRs of 1024 and lower.
3
N
1
1
Z
H z
N 1
Z
(6)
where:
• N is the OSR
www.ti.com
AMC131M02
SBASA56 – SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
25
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com