Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMC131M02DFMR Datasheet(PDF) 58 Page - Texas Instruments

Part # AMC131M02DFMR
Description  AMC131M02 2-Channel, 64-kSPS, Simultaneous-Sampling, 24-Bit, Reinforced Isolated Delta-Sigma ADC With Integrated DC/DC Converter
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

AMC131M02DFMR Datasheet(HTML) 58 Page - Texas Instruments

Back Button AMC131M02DFMR Datasheet HTML 54Page - Texas Instruments AMC131M02DFMR Datasheet HTML 55Page - Texas Instruments AMC131M02DFMR Datasheet HTML 56Page - Texas Instruments AMC131M02DFMR Datasheet HTML 57Page - Texas Instruments AMC131M02DFMR Datasheet HTML 58Page - Texas Instruments AMC131M02DFMR Datasheet HTML 59Page - Texas Instruments AMC131M02DFMR Datasheet HTML 60Page - Texas Instruments AMC131M02DFMR Datasheet HTML 61Page - Texas Instruments AMC131M02DFMR Datasheet HTML 62Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 89 page
background image
8.6.7 CH0_CFG Register (Address = 09h) [Reset = 0000h]
Return to the Summary Table.
Figure 8-37. CH0_CFG Register
15
14
13
12
11
10
9
8
PHASE0[9:0]
R/W-0000000000b
7
6
5
4
3
2
1
0
PHASE0[9:0]
RESERVED
MUX0[1:0]
R/W-0000000000b
R-0000b
R/W-00b
Table 8-21. CH0_CFG Register Field Descriptions
Bit
Field
Type
Reset
Description
15:6
PHASE0[9:0]
R/W
0000000000b
Channel 0 phase delay selection
Phase delay in modulator clock cycles provided in twos complement format.
5:2
RESERVED
R
0000b
Reserved
Always reads 0000b
1:0
MUX0[1:0]
R/W
00b
Channel 0 input selection
Input multiplexer for channel 0
00b = AIN0P and AIN0N
01b = AIN0 disconnected (ADC inputs shorted)
10b = DC diagnostic signal
11b = AC diagnostic signal
AMC131M02
SBASA56 – SEPTEMBER 2023
www.ti.com
58
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: AMC131M02



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com