Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA849 Datasheet HTML 2Page - Texas Instruments INA849 Datasheet HTML 3Page - Texas Instruments INA849 Datasheet HTML 4Page - Texas Instruments INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 42 page
background image
7.5 Electrical Characteristics (continued)
at TA = 25 °C, VS = VSOUT = ±15 V, VICM = VOCM is at mid-supply, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
NOISE VOLTAGE
eNI
Input-referred voltage noise density
f = 1 kHz
G = 16
7.8
nV/√Hz
G = 8
8.0
G = 4
8.6
G = 2
12.6
G = 1
21.6
G = 0.5
42
G = 0.25
84
G = 0.125
168
ENI
Input-referred voltage noise
fB = 0.1 Hz to 10 Hz
G = 16
0.26
µVPP
G = 8
0.27
G = 4
0.29
G = 2
0.44
G = 1
0.8
G = 0.5
1.6
G = 0.25
3.2
G = 0.125
6.4
iN
Input current noise density
f = 1 kHz
0.3
pA/√Hz
IN
Input current noise
fB = 0.1 Hz to 10 Hz
13
pAPP
GAIN
Differential gain range
0.125
16
V/V
GE
Differential gain error
G = 0.25, 0.5, 2, 4
±0.02
±0.05
%
G = 1
±0.02
±0.03
G = 0.125, 8, 16
±0.03
±0.07
Differential gain drift
G = 1, TA = –40°C to +125°C
±1
ppm/°C
G = 0.125, 0.25, 0.5, 2, 4, 8, 16, TA = –40°C to
+125°C
±2
Differential gain nonlinearity
G = 0.125 to 16, VOUTDIFF =
10 V
2
5
ppm
TA = –40°C to +125°C
10
OUTPUT
VOUT
Output voltage
No load
VSOUT = ±2.25 V
VLVSS + 0.1
VLVDD – 0.1
V
RL = 10 kΩ
VSOUT = ±2.25 V
VLVSS + 0.2
VLVDD – 0.2
VSOUT = ±18V
VLVSS + 0.4
VLVDD – 0.4
CL
Load capacitance
Stable operation for differential load
50
pF
ISC
Short-circuit current
Continuous to VSOUT / 2
±45
mA
TA = –40°C to +125°C
±20
±60
FREQUENCY RESPONSE
BW
Bandwidth, –3 dB
G = 0.125 to 16
10
MHz
SR
Slew rate
G = 0.125 to 16, VOUTDIFF > 5 V
35
V/µs
tS
Settling time
G = 0.125 to 16
VINDIFF = 10-V step or
VOUTDIFF = 10-V step
To 0.01%
0.7
µs
To 0.0015%
0.95
Gain switching time
2
µs
THD+N
Total harmonic distortion and Noise
Differential input, f = 10 kHz, VO = 10 VPP
–110
dB
Single-ended input, f = 10 kHz, VO = 10 VPP
–105
HD2
Second-order harmonic distortion
Differential input, f = 10 kHz, VO = 10 VPP
–120
dB
Single-ended input, f = 10 kHz, VO = 10 VPP
–110
HD3
Third-order harmonic distortion
Differential input, f = 10 kHz, VO = 10 VPP
–120
dB
Single-ended input, f = 10 kHz, VO = 10 VPP
–110
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
6
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com