Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 20 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 20 Page - Texas Instruments

Back Button INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments INA849 Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
8 Detailed Description
8.1 Overview
The PGA855 is a monolithic, high-voltage, precision programmable-gain instrumentation amplifier. The PGA855
combines a high-speed current-feedback input stage with an internally matched gain resistor network, followed
by a four-resistor, fully differential amplifier output stage. Eight preprogrammed binary gains, ranging from
0.125 V/V to 16 V/V are selectable using gain-select pins A0, A1, and A2.
A functional block diagram for PGA855 is shown in the next section. The differential input voltage is fed into
a pair of matched, high-impedance input-current-feedback amplifiers. An integrated precision-matched gain
resistor network is used to amplify the differential input voltage. A fully differential output difference amplifier, A3,
rejects the input common-mode component and refers the output signal to the voltage level set by the VOCM
pin.
The PGA855 output amplifier bandwidth is optimized to drive high-performance analog-to-digital converters
(ADCs) with sampling rates up to 1 MSPS without the need for an additional ADC driver. The output amplifier
uses a separate power supply that is independent of the input-stage power supply. When driving an ADC, use
a low-impedance connection from LVDD and LVSS to the ADC power supplies. This configuration protects the
ADC inputs from damage due to inadvertent overvoltage conditions.
8.2 Functional Block Diagram
+
–
IN
IN+
+
–
5 k
5 k
5 k
+
– +
–
5 k
A<2:0>
DGND
VIN
VIN+
DGND
VS+
A1
A2
A3
OUT+
LVSS
LVDD
LVSS
LVDD
OUT
FDA_IN–
FDA_IN+
VS+
VS
VOCM
500 k
500 k
VS+
VS
LVDD
LVSS
VS+
VS
VS+
VS
VS+
VS
VS+
VS
VS+
VS
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
20
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com