Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 18 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 18 Page - Texas Instruments

Back Button INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 42 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Frequency (Hz)
0.01
0.1
1
10
100
1000
1
10
100
1k
10k
100k
1M
10M
Figure 7-51. Closed Loop Output Impedance vs Frequency
Capacitive Load (pF)
0
100
200
300
400
500
600
700
800
900 1000
10
20
30
40
50
60
RISO = 0
RISO = 20
RISO = 50
Figure 7-52. Overshoot vs Capacitive Load
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
4
4.4
4.8
5.2
5.6
6
VS =
15 V
VS =
4 V
Figure 7-53. Quiescent Current vs Temperature
Frequency (Hz)
-140
-130
-120
-110
-100
-90
-80
10
100
1k
10k
40k
G = 1
G = 16
G = 0.125
10-Hz to 22-kHz band-pass filter
VOUTDIFF > 2.5 VPP
Figure 7-54. Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
-120
-110
-100
-90
-80
-70
10
100
1k
10k
40k
G = 1
G = 16
G = 0.125
10-Hz to 500-kHz band-pass filter
VOUTDIFF > 2.5 VPP
Figure 7-55. Total Harmonic Distortion + Noise vs Frequency
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
100
1k
10k
40k
G = 1
G = 16
G = 0.125
VOUTDIFF > 2.5 VPP
Figure 7-56. 2nd Harmonic Distortion vs Frequency
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
18
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com