Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 9 Page - Texas Instruments

Back Button INA849 Datasheet HTML 5Page - Texas Instruments INA849 Datasheet HTML 6Page - Texas Instruments INA849 Datasheet HTML 7Page - Texas Instruments INA849 Datasheet HTML 8Page - Texas Instruments INA849 Datasheet HTML 9Page - Texas Instruments INA849 Datasheet HTML 10Page - Texas Instruments INA849 Datasheet HTML 11Page - Texas Instruments INA849 Datasheet HTML 12Page - Texas Instruments INA849 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 42 page
background image
7.6 Typical Characteristics
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Table 7-1. Table of Graphs (continued)
DESCRIPTION
FIGURE
Small-Signal Step Response, G = 0.125 V/V
Figure 7-44
Large-Signal Step Response
Figure 7-45
Gain Switching Transient Response
Figure 7-46
Output Short-Circuit Current vs Temperature
Figure 7-47
Positive Output Voltage Swing vs Output Current
Figure 7-48
Negative Output Voltage Swing vs Output Current
Figure 7-49
Overload Recovery
Figure 7-50
Closed-Loop Output Impedance vs Frequency
Figure 7-51
Overshoot vs Capacitive Load
Figure 7-52
Quiescent Current vs Temperature
Figure 7-53
THD + Noise vs Frequency (22-kHz Filter)
Figure 7-54
THD + Noise vs Frequency (500-kHz Filter)
Figure 7-55
2nd Harmonic Distortion vs Frequency
Figure 7-56
3rd Harmonic Distortion vs Frequency
Figure 7-57
Total Harmonic Distortion vs Frequency vs Output Load
Figure 7-58
Ax Digital Input Pin Current vs Ax Digital Input Pin Voltage
Figure 7-59
DGND Digital Input Pin Current vs A2 Digital Input Pin Voltage
Figure 7-60
Digital Input Pin Current vs Temperature
Figure 7-61
Input Referred Offset Voltage ( V)
0
10
20
30
-400
-300
-200
-100
0
100
200
300
400
N = 2500
Mean = –21.25 µV
Std. dev. = 36.79 µV
G = 16 V/V
Figure 7-1. Distribution of Offset Voltage (RTI)
Offset Voltage Drift ( V/ C)
0
10
20
30
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
N = 53
Mean = –0.11 µV/°C
Std. dev. = 0.08 µV/°C
G = 16 V/V
Figure 7-2. Distribution of Offset Voltage Drift (RTI)
www.ti.com
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com