Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA849 Datasheet HTML 13Page - Texas Instruments INA849 Datasheet HTML 14Page - Texas Instruments INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 42 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Time ( s)
-1
0
1
2
3
4
5
6
-8
-6
-4
-2
0
2
4
6
8
G = 1 V/V
Figure 7-45. Large-Signal Step Response
Time (20 s/div)
0
1
2
3
4
5
G = 4
G = 2
G = 8
G = 16
Input voltage = 250 mVPP
Figure 7-46. Gain Switching Transient Response
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
-80
-60
-40
-20
0
20
40
60
80
ISC, Source
ISC, Sink
Short to VSOUT/2
Figure 7-47. Output Short-Circuit Current vs Temperature
Output Current (mA)
13
13.5
14
14.5
15
0
5
10
15
20
25
30
35
40
45
-40 C
25 C
85 C
125 C
VS = ±18 V
VSOUT = ±15 V
G = 16 V/V
Figure 7-48. Positive Output Voltage vs Output Current
Output Current (mA)
-15
-14.5
-14
-13.5
-13
0
5
10
15
20
25
30
35
40
45
-40 C
25 C
85 C
125 C
VS = ±18 V
VSOUT = ±15 V
G = 16 V/V
Figure 7-49. Negative Output Voltage vs Output Current
Time ( s)
0
20
40
60
80
100
120
140
160
180
200
-50
-40
-30
-20
-10
0
10
20
30
40
50
G=16
16*VIN
VOUT
Figure 7-50. Overload Recovery
www.ti.com
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
17
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com