Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 19 Page - Texas Instruments

Back Button INA849 Datasheet HTML 15Page - Texas Instruments INA849 Datasheet HTML 16Page - Texas Instruments INA849 Datasheet HTML 17Page - Texas Instruments INA849 Datasheet HTML 18Page - Texas Instruments INA849 Datasheet HTML 19Page - Texas Instruments INA849 Datasheet HTML 20Page - Texas Instruments INA849 Datasheet HTML 21Page - Texas Instruments INA849 Datasheet HTML 22Page - Texas Instruments INA849 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 42 page
background image
7.6 Typical Characteristics (continued)
at TA = 25°C, VS = VSOUT = ±15 V, VICM = VOCM = 0 V, RL = 10 kΩ, and G = 1 V/V (unless otherwise noted)
Frequency (Hz)
-150
-140
-130
-120
-110
-100
-90
-80
-70
10
100
1k
10k
40k
G = 1
G = 16
G = 0.125
VOUTDIFF > 2.5 VPP
Figure 7-57. 3rd Harmonic Distortion vs Frequency
Hz
-150
-140
-130
-120
-110
-100
-90
10
100
1k
10k
RL = 2k
RL = 10k
RL = 100k
G = 1 V/V
VOUTDIFF = 10 VPP
Figure 7-58. Total Harmonic Distortion vs Frequency
Ax Digital Input Pin Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
DGND = –18 V
Figure 7-59. Ax Digital Input Pin Current vs
Ax Digital Input Pin Voltage
DGND Digital Input Pin Voltage (V)
-18
-14
-10
-6
-2
2
6
10
14
18
-0.3
0
0.3
0.6
0.9
1.2
1.5
1.8
2.1
Ax = DGND
Figure 7-60. DGND Digital Input Pin Current vs
DGND Digital Input Pin Voltage
Temperature ( C)
-40
-20
0
20
40
60
80
100
120
140
1.25
1.3
1.35
1.4
1.45
1.5
1.55
1.6
1.65
1.7
1.75
1.8
1.85
1.9
1.95
2
2.05
DGND pin
Ax pin
Figure 7-61. Digital Input Pin Current vs Temperature
www.ti.com
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com