Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 30 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 30 Page - Texas Instruments

Back Button INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments INA849 Datasheet HTML 32Page - Texas Instruments INA849 Datasheet HTML 33Page - Texas Instruments INA849 Datasheet HTML 34Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 42 page
background image
The R-C-R differential low-pass filter at the input of the PGA helps reduce EMI/RFI high frequency extrinsic
noise. This filter can be customized per the bandwidth and application requirements.
Two first-order filters are implemented with the PGA855 circuit. The first filter is provided by CFB in parallel with
the PGA 5
‑kΩ feedback resistors. The PGA resistors are ±15% absolute tolerance, such as, consider the effect
of the tolerance on the filter cutoff frequency, the filter frequency changes to 126 kHz. At this tolerance, the filter
maintains –0.1 dB flatness to 24 kHz.
There is flexibility of modifying the CFB capacitor value to adjust bandwidth, with the trade-off on the broadband
noise of the circuit.
The second filter placed directly at the ADS8900B inputs works as a charge reservoir to filter the sampled
input of the ADC. The charge reservoir reduces the instantaneous charge demand of the amplifier, maintaining
low distortion that otherwise can degrade because of incomplete amplifier settling. The RC filter combination
(RFIL, CDIFF) is optimized for the SAR ADC sample and hold settling. This combination reduces nonlinear charge
kickback of the SAR ADC and is optimized for best THD performance. This combination allows for the best
trade-off between harmonic distortion while maintaining stability of the PGA output stage.
High-grade C0G (NPO) are used everywhere in the signal path (CIN_DIFF, CIN_CM, CFB, CDIFF, CCM) for the low
distortion properties.
The results are shown in Table 9-5, which includes the typical signal-to-noise ratio (SNR) and total harmonic
distortion (THD) of the PGA855 driving the ADS8900B SAR ADC. For the SNR and THD measurements, a
1-kHz differential signal is applied. The signal amplitude is adjusted to produce a PGA855 output at –0.5 dBFS
of the ADC full-scale range. Table 9-5 shows the equivalent input voltage amplitude signal for different PGA855
gain configurations. At gain = 1 V/V, the design achieves a –121.4
‑dB THD and 101.2‑dB SNR.
Table 9-5. PGA855 and ADS8900B FFT Data Summary: fSAMPLE = 1 MSPS, fIN = 1 kHz
PGA GAIN (V/V)
INPUT AMPLITUDE
(VPP)
ADC SIGNAL POWER
(dBFS)
SNR (dB)
THD (dB)
ENOB (Bits)
0.125
40.10
–6.0
95.9
–118.2
15.6
0.25
36.48
–0.8
101.0
–118.6
16.5
0.5
18.24
–0.8
101.2
–121.0
16.5
1
9.12
–0.8
101.2
–121.7
16.5
2
4.56
–0.8
100.5
–121.6
16.4
4
2.28
–0.8
99.5
–121.3
16.2
8
1.14
–0.8
97.4
–119.4
15.9
16
0.58
–0.8
93.6
–117.3
15.2
9.2.2.3 Application Curves
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
100
1000
10000
100000
Gain = 1 V/V, fSAMPLE = 1 MSPS, fIN = 1 kHz
Figure 9-10. Performance FFT Plot With ADS8900B
Frequency (Hz)
-200
-180
-160
-140
-120
-100
-80
-60
-40
-20
0
100
1000
10000
100000
Gain = 4 V/V, fSAMPLE = 1 MSPS, fIN = 1 kHz
Figure 9-11. Performance FFT Plot With ADS8900B
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
www.ti.com
30
Submit Document Feedback
Copyright © 2023 Texas Instruments Incorporated
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com