Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

INA849 Datasheet(PDF) 29 Page - Texas Instruments

Click here to check the latest version.
Part # INA849
Description  PGA855 Low-Noise, Wide-Bandwidth, Fully Differential Output Programmable-Gain Instrumentation Amplifier
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

INA849 Datasheet(HTML) 29 Page - Texas Instruments

Back Button INA849 Datasheet HTML 25Page - Texas Instruments INA849 Datasheet HTML 26Page - Texas Instruments INA849 Datasheet HTML 27Page - Texas Instruments INA849 Datasheet HTML 28Page - Texas Instruments INA849 Datasheet HTML 29Page - Texas Instruments INA849 Datasheet HTML 30Page - Texas Instruments INA849 Datasheet HTML 31Page - Texas Instruments INA849 Datasheet HTML 32Page - Texas Instruments INA849 Datasheet HTML 33Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 42 page
background image
9.2.2 ADS8900B 20-Bit SAR ADC Driver Circuit
The application circuit in Figure 9-9 shows the schematic for the 20-bit, precision, 1-MSPS, successive
approximation register (SAR), analog-to-digital converter (ADC). This circuit is used to measure the driving
capability of the PGA855 with the ADS8900B ADC. The circuit accepts single-ended or differential input signals.
The PGA855 operates with independent input and output power supplies. In this example, ±15
‑V power supplies
are used for the input section, and a 5.3
‑V power supply for the output section.
To reduce extrinsic voltage supply noise, the ADC portion of the circuit uses the TPS7A4700, a low-noise,
4-μVRMS LDO voltage regulator, to generate a unipolar 5.3
‑V ADC supply rail and the PGA855 output stage
supply is powered by the same 5.3-V ADC supply. The 5.3
‑V output supply operation prevents overloading
the ADC inputs during PGA overdrive conditions. The REF5050 is selected as a voltage reference; this is a
low-noise, low-drift, precision 5-V reference connected to the ADS8900B REFIN pin.
+
–
OUT+
IN–
IN+
OUT–
VOCM
5k
5k
5k
5k
ADS8900B
SAR ADC
INP
INN
FDA_IN–
FDA_IN+
PGA855
+
–
VIN+
VIN
Gain Network
A0
A1
A2
A0
A1
A2
DGND
DGND
REFIN
AVDD
CFB
200pF
CFB
200pF
RFIL
47.4
RFIL
47.4
CDIFF
560pF
CCM
51pF
CCM
51pF
10nF
VS+
+15V
100nF
100nF
+5.3V
–15V
100nF
LVDD
LVSS
AVSS
REF5050
+5.0V
Reference
RIN_FIL
RIN_FIL
CIN_DIFF
10x
CIN_CM
1x
CIN_CM
1x
VS–
1µF
10µF
1k
18.7k
20.7k
REF5050
+5.0V
Reference
Figure 9-9. Driving the SAR ADC ADS8900B
9.2.2.1 Design Requirements
The design requirements for the application driving the ADS8900B ADC are listed in the following table.
Table 9-4. Design Parameters
PARAMETER
VALUE
Supply voltages
VS± = ±15 V, VLVDD = 5.3 V, VLVSS = GND, VREF = 5 V
Full-scale range of ADC
FSR = ±5 V
Sampling rate of ADC
fSAMPLE = 1 MSPS
PGA gain
See Table Table 9-5
Input signal amplitude
See Table Table 9-5
Signal frequency
Tested at fIN = 1 kHz
RC kickback filter
RFIL = 47.4 Ω, CDIFF = 560 pF, CCM = 51 pF
9.2.2.2 Detailed Design Procedure
The ADS8900B requires an input common-mode voltage within the range of VREF / 2 ±100 mV. The PGA855
VOCM pin is set to a nominal voltage of approximately 2.58 V. The VOCM voltage is purposely set to a voltage
slightly greater than VREF / 2 to maximize the output voltage swing range of the PGA855, while allowing margin
for the VOCM offset voltage error and drift variation. The VOCM voltage is generated by feeding the REF5050
reference through an 18.7 kΩ- to 0 kΩ voltage divider implemented with 0.1% tolerance resistors. An additional
RC filter with R = 1 kΩ, C = 10 nF is used in close proximity to the VOCM pin as shown on Figure 9-9.
www.ti.com
PGA855
SBOSAE0B – APRIL 2023 – REVISED SEPTEMBER 2023
Copyright © 2023 Texas Instruments Incorporated
Submit Document Feedback
29
Product Folder Links: PGA855



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com