Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 69 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 69 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 65Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 66Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 67Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 68Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 69Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 70Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 71Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 72Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 73Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 156 page
background image
69
AT/T89C51CC02
4126J–CAN–05/06
Watchdog Timer
T89C51CC02 contains a powerful programmable hardware Watchdog Timer (WDT) that
automatically resets the chip if it software fails to reset the WDT before the selected time
interval has elapsed. It permits large Timeout ranging from 16ms to 2s @fOSC = 12 MHz
in X1 mode.
This WDT consists of a 14-bit counter plus a 7-bit programmable counter, a Watchdog
Timer reset register (WDTRST) and a Watchdog Timer programming (WDTPRG) regis-
ter. When exiting reset, the WDT is -by default- disable.
To enable the WDT, the user has to write the sequence 1EH and E1H into WDTRST
register with no instruction between the two writes. When the Watchdog Timer is
enabled, it will increment every machine cycle while the oscillator is running and there is
no way to disable the WDT except through reset (either hardware reset or WDT over-
flow reset). When WDT overflows, it will generate an output RESET pulse at the RST
pin. The RESET pulse duration is 96xTOSC, where TOSC=1/fOSC. To make the best use of
the WDT, it should be serviced in those sections of code that will periodically be exe-
cuted within the time required to prevent a WDT reset
Note:
When the watchdog is enable it is impossible to change its period.
Figure 31. Watchdog Timer
WDTPRG
RESET
Decoder
Control
WDTRST
WR
Enable
14-bit Counter
7-bit Counter
Outputs
Fwd Clock
RESET
-
-
-
-
-
2
1
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com