Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 34 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 34 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 30Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 31Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 32Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 33Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 34Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 35Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 36Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 37Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 38Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 156 page
background image
34
AT/T89C51CC02
4126J–CAN–05/06
Program/Code
Memory
The T89C51CC02 implement 16K Bytes of on-chip program/code memory.
The Flash memory increases EPROM and ROM functionality by in-circuit electrical era-
sure and programming. Thanks to the internal charge pump, the high voltage needed for
programming or erasing Flash cells is generated on-chip using the standard VDD volt-
age. Thus, the Flash memory can be programmed using only one voltage and allows In-
System Programming (ISP). Hardware programming mode is also available using spe-
cific programming tool.
Figure 12. Program/Code Memory Organization
Flash Memory
Architecture
T89C51CC02 features two on-chip Flash memories:
•
Flash memory FM0:
containing 16K Bytes of program memory (user space) organized into 128 bytes
pages,
•
Flash memory FM1:
2K Bytes for boot loader and Application Programming Interfaces (API).
The FM0 can be program by both parallel programming and Serial ISP whereas FM1
supports only parallel programming by programmers. The ISP mode is detailed in the
’In-System Programming’ section.
All Read/Write access operations on Flash memory by user application are managed by
a set of API described in the ’In-System Programming’ section.
Figure 13. Flash Memory Architecture
0000h
16K Bytes
3FFFh
Internal
Flash
3FFFh
16K Bytes
Flash Memory
FM0
0000h
Hardware Security (1 byte)
Column Latches (128 Bytes)
User Space
Extra Row (128 Bytes)
2K Bytes
Flash Memory
FM1
Boot Space
FFFFh
F800h
FM1 mapped between F800h and
FFFFh when bit ENBOOT is set in
AUXR1 register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com