Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 10 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 6Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 7Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 8Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 9Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 10Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 11Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 12Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 13Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 14Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 156 page
background image
10
AT/T89C51CC02
4126J–CAN–05/06
SFR Mapping
Tables 3 through Table 11 show the Special Function Registers (SFRs) of the
T89C51CC02.
Table 2. C51 Core SFRs
Mnemonic
Add
Name
765432
10
ACC
E0h
Accumulator
B
F0h
B Register
PSW
D0h
Program Status Word
CY
AC
F0
RS1
RS0
OV
F1
P
SP
81h
Stack Pointer
DPL
82h
Data Pointer Low
byte
LSB of DPTR
DPH
83h
Data Pointer High
byte
MSB of DPTR
Table 3. I/O Port SFRs
Mnemonic
Add
Name
765432
10
P1
90h
Port 1
P2
A0h
Port 2 (x2)
P3
B0h
Port 3
P4
C0h
Port 4 (x2)
Table 4. Timers SFRs
Mnemonic
Add
Name
765432
10
TH0
8Ch
Timer/Counter 0 High
byte
TL0
8Ah
Timer/Counter 0 Low
byte
TH1
8Dh
Timer/Counter 1 High
byte
TL1
8Bh
Timer/Counter 1 Low
byte
TH2
CDh
Timer/Counter 2 High
byte
TL2
CCh
Timer/Counter 2 Low
byte
TCON
88h
Timer/Counter 0 and
1 control
TF1
TR1
TF0
TR0
IE1
IT1
IE0
IT0
TMOD
89h
Timer/Counter 0 and
1 Modes
GATE1
C/T1#
M11
M01
GATE0
C/T0#
M10
M00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com