Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 21 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 21 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 17Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 18Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 19Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 20Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 21Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 22Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 23Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 24Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 25Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 156 page
background image
21
AT/T89C51CC02
4126J–CAN–05/06
Table 14. Minimum Reset Capacitor for a 15k Pull-down Resistor
Note:
These values assume VDD starts from 0v to the nominal value. If the time between two
on/off sequences is too fast, the power-supply decoupling capacitors may not be fully
discharged, leading to a bad reset sequence.
During a Normal
Operation (Warm Reset)
Reset pin must be maintained for at least 2 machine cycles (24 oscillator clock periods)
to apply a reset sequence during normal operation. The number of clock periods is
mode independent (X2 or X1).
Watchdog Reset
A 1K resistor must be added in series with the capacitor to allow the use of watchdog
reset pulse output on the RST pin or when an external power-supply supervisor is used.
Figure 6 shows the reset circuitry when a capacitor is used.
Figure 6. Reset Circuitry for a Watchdog Configuration
Figure 7 shows the reset circuitry when an external reset circuit is used.
Figure 7. Reset Circuitry Example Using an External Reset Circuit
oscrst/vddrst
1ms
10ms
100ms
5ms
2.7µF
4.7µF
47µF
20ms
10µF
15µF
47µF
VDD
Rrst
Crst
1k
RST pin
Internal reset
watchdog
To other on-board circuitry
Reset input circuitry
VDD
Rrst
1k
RST pin
Internal reset
watchdog
To other on-board circuitry
Reset input circuitry
RST
External reset
circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com