Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 36 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 36 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 32Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 33Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 34Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 35Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 36Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 37Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 38Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 39Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 40Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 156 page
background image
36
AT/T89C51CC02
4126J–CAN–05/06
Overview of FM0
Operations
The CPU interfaces the Flash memory through the FCON register and AUXR1 register.
These registers are used to:
•
Map the memory spaces in the adressable space
•
Launch the programming of the memory spaces
•
Get the status of the Flash memory (busy/not busy)
Mapping of the Memory Space
By default, the user space is accessed by MOVC instruction for read only. The column
latches space is made accessible by setting the FPS bit in FCON register. Writing is
possible from 0000h to 3FFFh, address bits 6 to 0 are used to select an address within a
page while bits 14 to 7 are used to select the programming address of the page.
Setting FPS bit takes precedence on the EEE bit in EECON register.
The other memory spaces (user, extra row, hardware security) are made accessible in
the code segment by programming bits FMOD0 and FMOD1 in FCON register in accor-
dance with Table 22. A MOVC instruction is then used for reading these spaces.
Table 22. FM0 blocks Select bits
Launching Programming
FPL3:0 bits in FCON register are used to secure the launch of programming. A specific
sequence must be written in these bits to unlock the write protection and to launch the
programming. This sequence is 5xh followed by Axh. Table 23 summarizes the memory
spaces to program according to FMOD1:0 bits.
Table 23. Programming Spaces
Note:
The sequence 5xh and Axh must be executing without instructions between them other-
wise the programming is aborted.
Interrupts that may occur during programming time must be disabled to avoid any spuri-
ous exit of the programming mode.
FMOD1
FMOD0
FM0 Adressable Space
0
0
User (0000h-3FFFh)
0
1
Extra Row(FF80h-FFFFh)
1
0
Hardware Security Byte (0000h)
11
Reserved
Write to FCON
Operation
FPL3:0
FPS
FMOD1
FMOD0
User
5
x
0
0
No action
Ax
0
0
Write the column latches in user
space
Extra Row
5
x
0
1
No action
Ax
0
1
Write the column latches in extra row
space
Hardware
Security
Byte
5
x
1
0
No action
A
x
1
0
Write the fuse bits space
Reserved
5
x
1
1
No action
A
x
1
1
No action



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com