Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 50 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 50 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 46Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 47Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 48Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 49Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 50Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 51Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 52Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 53Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 54Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 156 page
background image
50
AT/T89C51CC02
4126J–CAN–05/06
Hardware Security Byte
Table 32. Hardware Security byte
After erasing the chip in parallel mode, the default value is : FFh
The erasing in ISP mode (from bootloader) does not modify this byte.
Notes:
1. Only the 4 MSB bits can be accessed by software.
2. The 4 LSB bits can only be accessed by parallel mode.
76
54
32
1
0
X2B
BLJB
-
-
-
LB2
LB1
LB0
Bit
Number
Bit
Mnemonic
Description
7X2B
X2 bit
Set this bit to start in standard mode
Clear this bit to start in X2 Mode.
6BLJB
Boot Loader Jump bit
- 1: To start the user’s application on next RESET (@0000h) located in FM0,
- 0: To start the boot loader(@F800h) located in FM1.
5 - 3
-
Reserved
The value read from these bits are indeterminate.
2 - 0
LB2:0
Lock bits (see Table 22)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com