Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 20 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 20 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 16Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 17Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 18Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 19Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 20Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 21Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 22Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 23Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 24Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 156 page
background image
20
AT/T89C51CC02
4126J–CAN–05/06
Power Management
Two power reduction modes are implemented in the A/T89C51CC02: the Idle mode and
the Power-down mode. These modes are detailed in the following sections. In addition
to these power reduction modes, the clocks of the core and peripherals can be dynami-
cally divided by 2 using the X2 Mode detailed in Section “Clock”.
Reset Pin
In order to start-up (cold reset) or to restart (warm reset) properly the microcontroller, a
high level has to be applied on the RST pin. A bad level leads to a wrong initialisation of
the internal registers like SFRs, PC, etc. and to unpredictable behavior of the microcon-
troller. A warm reset can be applied either directly on the RST pin or indirectly by an
internal reset source such as a watchdog, PCA, timer, etc.
At Power-up (cold reset)
Two conditions are required before enabling a CPU start-up:
•
VDD must reach the specified VDD range,
•
The level on xtal1 input must be outside the specification (VIH, VIL).
If one of these two conditions are not met, the microcontroller does not start correctly
and can execute an instruction fetch from anywhere in the program space. An active
level applied on the RST pin must be maintained until both of the above conditions are
met. A reset is active when the level VIH1 is reached and when the pulse width covers
the period of time where VDD and the oscillator are not stabilized. Two parameters have
to be taken into account to determine the reset pulse width:
•
VDD rise time (vddrst),
•
Oscillator startup time (oscrst).
To determine the capacitor the highest value of these two parameters has to be chosen.
The reset circuitry is shown in Figure 5.
Figure 5. Reset Circuitry
Table 13 and Table 14 give some typical examples for three values of VDD rise times,
two values of oscillator start-up time and two pull-down resistor values.
Table 13. Minimum Reset Capacitor for a 50K Pull-down Resistor
oscrst/vddrst
1ms
10ms
100ms
5ms
820nF
1.2µF
12µF
20ms
2.7µF
3.9µF
12µF
0
VDD
Rrst
Crst
RST pin
Internal reset
Reset input circuitry



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com