Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 100 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 100 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 96Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 97Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 98Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 99Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 100Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 101Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 102Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 103Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 104Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 156 page
background image
100
AT/T89C51CC02
4126J–CAN–05/06
Table 64. CANIE Register
CANIE (S:C3h) – CAN Enable Interrupt message object Registers
Reset Value = xxxx 0000b
Table 65. CANBT1 Register
CANBT1 (S:B4h) – CAN bit Timing Registers 1
Note:
1. The CAN controller bit timing registers must be accessed only if the CAN controller is
disabled with the ENA bit of the CANGCON register set to 0.
See Figure 41.
No default value after reset.
76
54
32
1
0
-
-
-
-
IECH 3
IECH 2
IECH 1
IECH 0
Bit Number
Bit Mnemonic
Description
7 - 4
-
Reserved
The values read from these bits are indeterminate. Do not set these
bits.
3 - 0
IECH3:0
Enable Interrupt by Message Object
0 - disable IT.
1 - enable IT.
IECH3:0 = 0b 0000 1100 -> Enable IT’s of message objects 3 & 2.
76
54
32
1
0
-
BRP 5
BRP 4
BRP 3
BRP 2
BRP 1
BRP 0
-
Bit Number
Bit Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6 - 1
BRP5:0
Baud Rate Prescaler
The period of the CAN controller system clock Tscl is
programmable and determines the individual bit timing.(1)
0-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
Tscl =
BRP[5..0] + 1
FCAN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com