Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 135 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 135 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 131Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 132Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 133Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 134Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 135Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 136Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 137Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 138Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 139Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 135 / 156 page
background image
135
AT/T89C51CC02
4126J–CAN–05/06
Figure 58. IEN1 Register
IEN1 (S:E8h)
Interrupt Enable Register
Reset Value = xxxx x000b
bit addressable
76
54
32
1
0
-
-
-
-
ETIM
EADC
ECAN
Bit
Number
Bit
Mnemonic
Description
7-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
6-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
5-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
4-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
3-
Reserved
The value read from this bit is indeterminate. Do not set this bit.
2ETIM
TImer overrun Interrupt Enable bit
Clear to disable the timer overrun interrupt.
Set to enable the timer overrun interrupt.
1
EADC
ADC Interrupt Enable bit
Clear to disable the ADC interrupt.
Set to enable the ADC interrupt.
0ECAN
CAN Interrupt Enable bit
Clear to disable the CAN interrupt.
Set to enable the CAN interrupt.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com