Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

T89C51CC02UA-RATIM Datasheet(PDF) 140 Page - ATMEL Corporation

Part # T89C51CC02UA-RATIM
Description  Enhanced 8-bit Microcontroller with CAN Controller and Flash
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

T89C51CC02UA-RATIM Datasheet(HTML) 140 Page - ATMEL Corporation

Back Button T89C51CC02UA-RATIM Datasheet HTML 136Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 137Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 138Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 139Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 140Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 141Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 142Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 143Page - ATMEL Corporation T89C51CC02UA-RATIM Datasheet HTML 144Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 156 page
background image
140
AT/T89C51CC02
4126J–CAN–05/06
Electrical Characteristics
DC Parameters for
Standard Voltage
TA = -40°C to +85°C; VSS = 0 V; VCC = 3 volts to 5.5 volts; F = 0 to 40 MHz
Notes:
1. Typicals are based on a limited number of samples and are not guaranteed. The values listed are at room temperature.
2. Flash retention is guaranteed with the same formula for VCC min down to 0V.
3. Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OL per port pin: 10 mA
Absolute Maximum Ratings
I = industrial ....................................................... -40
°C to 85°C
Storage Temperature ................................... -65
°C to + 150°C
Voltage on VCC from VSS .....................................-0.5V to + 6V
Voltage on Any Pin from VSS .....................-0.5V to VCC + 0.2V
Power Dissipation ............................................................. 1 W
Note:
Stresses at or above those listed under “Absolute
Maximum Ratings” may cause permanent damage to
the device. This is a stress rating only and functional
operation of the device at these or any other condi-
tions above those indicated in the operational
sections of this specification is not implied. Exposure
to absolute maximum rating conditions may affect
device reliability.
Power Dissipation value is based on the maximum
allowable die temperature and the thermal resistance
of the package.
Table 114. DC Parameters in Standard Voltage
Symbol
Parameter
Min
Typ(1)
Max
Unit
Test Conditions
V
IL
Input Low Voltage
-0.5
0.2Vcc - 0.1
V
V
IH
Input High Voltage except XTAL1, RST
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH1
(2)
Input High Voltage, XTAL1, RST
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage, ports 1, 2, 3 and 4(3)
0.3
0.45
1.0
V
V
V
I
OL = 100 μA
I
OL = 1.6 mA
I
OL = 3.5 mA
V
OH
Output High Voltage, ports 1, 2, 3, 4 and 5
V
CC - 0.3
V
CC - 0.7
V
CC - 1.5
V
V
V
I
OH = -10 μA
I
OH = -30 μA
I
OH = -60 μA
V
CC = 5V ± 10%
R
RST
RST Pulldown Resistor
50
90
200
k
Ω
I
IL
Logical 0 Input Current ports 1, 2, 3 and 4
-50
μA
Vin = 0.45V
I
LI
Input Leakage Current
±10
μA0.45V < Vin < V
CC
ITL
Logical 1 to 0 Transition Current, ports 1, 2, 3
and 4
-650
μA
Vin = 2.0V
CIO
Capacitance of I/O Buffer
10
pF
Fc = 1 MHz
TA = 25
°C
IPD
Power-down Current
160
400
μA3V < V
CC < 5.5V
(4)
ICC
Power Supply Current
ICCOP
(6) = 0.7 Freq (MHz) + 3 mA
ICCIDLE
(5)= 0.6 Freq (MHz) + 2 mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com