Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 4 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 4 Page - Leadtrend Technology

  LD5532 Datasheet HTML 1Page - Leadtrend Technology LD5532 Datasheet HTML 2Page - Leadtrend Technology LD5532 Datasheet HTML 3Page - Leadtrend Technology LD5532 Datasheet HTML 4Page - Leadtrend Technology LD5532 Datasheet HTML 5Page - Leadtrend Technology LD5532 Datasheet HTML 6Page - Leadtrend Technology LD5532 Datasheet HTML 7Page - Leadtrend Technology LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
LD5532
4
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
Absolute Maximum Ratings
Supply Voltage VCC
-0.3 ~29V
COMP, BNO, CS
-0.3 ~6V
OUT
-0.3 ~Vcc+0.3
Maximum Junction Temperature
150
C
Operating Junction Temperature
-40
C to 120C
Operating Ambient Temperature
-40
C to 85C
Storage Temperature Range
-65
C to 150C
Package Thermal Resistance (SOT-26,
JA)
250
C/W
Package Thermal Resistance (SOP-8,
JA)
160
C/W
Package Thermal Resistance (DIP-8,
JA)
100
C/W
Power Dissipation, PD@85
C (SOT-26)
160mW
Power Dissipation, PD@85
C (SOP-8)
250mW
Power Dissipation, PD@85
C (DIP-8)
650mW
Lead Temperature (Soldering, 10sec)
260
C
ESD Voltage Protection, Human Body Model
2.5KV
ESD Voltage Protection, Machine Model
250 V
Gate Output Current
300mA/-500mA
Caution:
Stress exceeding Maximum Ratings may damage the device. Maximum Ratings are stress ratings only. Functional operation above the
Recommended Operating Conditions is not implied. Extended exposure to stress above Recommended Operating Conditions may affect
device reliability.
Recommended Operating Conditions
Supply Voltage Vcc
9.5V to 26V
Start-up Resistance
700K to 2.0M
VCC Capacitor
10 to 47
F
COMP Capacitor Value
1~100nF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com