Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 1 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 1 Page - Leadtrend Technology

  LD5532 Datasheet HTML 1Page - Leadtrend Technology LD5532 Datasheet HTML 2Page - Leadtrend Technology LD5532 Datasheet HTML 3Page - Leadtrend Technology LD5532 Datasheet HTML 4Page - Leadtrend Technology LD5532 Datasheet HTML 5Page - Leadtrend Technology LD5532 Datasheet HTML 6Page - Leadtrend Technology LD5532 Datasheet HTML 7Page - Leadtrend Technology LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LD5532
07/08/2014
1
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
Green-Mode PWM Controller with Frequency Swapping and
Audio Noise Prevention
REV. 00
General Description
The LD5532 is built with several functions, audio noise
prevention, protection and EMI-improved solution in a tiny
package. It takes less components counts or circuit space,
especially ideal for those total solutions of low cost.
It includes low startup current, green-mode power-saving
operation, leading-edge blanking of the current sense and
internal slope compensation.
It also features protections
of OLP (Over Load Protection) and OVP (Over Voltage
Protection)
to
prevent
circuit
from
damage
under
abnormal conditions.
Furthermore, the Frequency Swapping function is also
built-in to reduce the noise level and thus helps the power
circuit designers to easily deal with the EMI filter design by
spending minimum amount of component cost and
developing time.
Features
 High-Voltage CMOS Process with Excellent ESD
protection
 Very Low Startup Current (<1.5
A)
 Current Mode Control
 Green Mode Control
 UVLO (Under Voltage Lockout)
 LEB (Leading-Edge Blanking) on CS Pin
 Internal Frequency Swapping
 Internal Slope Compensation
 OVP (Over Voltage Protection) on Vcc Pin
 Brownout Protection
 OLP (Over Load Protection)
 300mA/-500mA Driving Capability
 Grouping Frequency Limitation for Audio Noise
Applications
 LCD Monitor/TV Power
 Switching AC/DC Adaptor
 Open Frame Switching Power Supply
Typical Application
EMI
Filter
BNO
OUT
CS
VCC
GND
COMP
LD5532
photocoupler
AC
input
DC
Output


Similar Part No. - LD5532

ManufacturerPart #DatasheetDescription
logo
Leadtrend Technology
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530GL LEADTREND-LD5530GL Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530GN LEADTREND-LD5530GN Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530RGL ETC2-LD5530RGL Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
More results

Similar Description - LD5532

ManufacturerPart #DatasheetDescription
logo
Orister Corporation
RS2051 ORISTER-RS2051_10 Datasheet
334Kb / 11P
Green-Mode PWM Controller with Frequency Jiggling for Low EMI
logo
Leadtrend Technology
LD9704R LEADTREND-LD9704R Datasheet
699Kb / 14P
Green-Mode PWM Controller with Frequency Swapping with protections and MOSFET Integrated
LD7536 LEADTREND-LD7536 Datasheet
374Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5530 LEADTREND-LD5530 Datasheet
454Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
List of Unclassifed Man...
LD5530R ETC2-LD5530R Datasheet
538Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
logo
Princeton Technology Co...
RS2051 PTC-RS2051 Datasheet
547Kb / 5P
Green-Mode PWM Controller with Frequency Jiggling
logo
Leadtrend Technology
LD7536R LEADTREND-LD7536R Datasheet
327Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
LD5537 LEADTREND-LD5537 Datasheet
635Kb / 17P
Green-Mode PWM Controller with Variable Frequency and Brown IN/OUT Protections
09/07/2015 REV. 01
LD7531 LEADTREND-LD7531 Datasheet
360Kb / 18P
Green-Mode PWM Controller with Frequency Trembling and Integrated Protections
6/25/2008
LD7537 LEADTREND-LD7537 Datasheet
418Kb / 16P
Green-Mode PWM Controller with Frequency Swapping and Integrated Protections
12/15/2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com