Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 5 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 5 Page - Leadtrend Technology

  LD5532 Datasheet HTML 1Page - Leadtrend Technology LD5532 Datasheet HTML 2Page - Leadtrend Technology LD5532 Datasheet HTML 3Page - Leadtrend Technology LD5532 Datasheet HTML 4Page - Leadtrend Technology LD5532 Datasheet HTML 5Page - Leadtrend Technology LD5532 Datasheet HTML 6Page - Leadtrend Technology LD5532 Datasheet HTML 7Page - Leadtrend Technology LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
LD5532
5
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
Electrical Characteristics
(TA = +25
C unless otherwise stated, V
CC=15.0V)
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Supply Voltage (Vcc Pin)
Startup Current
ISTUP
0.1
0.4
1
A
Operating Current
(with 1nF load on OUT pin)
VCOMP=0V
IVCC_0V
0.55
0.625
0.675
mA
VCOMP=3V
IVCC_3V
1.62
1.80
1.98
mA
OLP Tripped
IOLP
0.490
mA
OVP Tripped
IOVP
0.490
mA
UVLO (off)
VUVLO(OFF)
7.5
8.5
9.5
V
UVLO (on)
VUVLO(ON)
15
16
17
V
OVP Level
VOVP
25
26
27
V
Voltage Feedback (Comp Pin)
Short Circuit Current
VCOMP=0V
ICOMP_0V
0.16
0.18
0.20
mA
Open Loop Voltage
COMP pin open
VCOMP_OP
5.00
5.20
5.40
V
Fixed Frequency Mode Threshold
VCOMP(*)
VCOMP_F
2.20
V
Green Mode Threshold VCOMP(*)
VCOMP_GN
2.00
V
Burst Mode Threshold VCOMP
VBURST
1.65
V
Hysteresis
VBURST_H
100
mV
Current Sensing (CS Pin)
Maximum Input Voltage, VCS_Off
VCS_OFF
0.80
0.85
0.90
V
Minimum Input Voltage, VCS_min
VCS_MIN
0.6
0.65
0.7
V
Top Compensation Duty Ratio
DTOP
49
51.6
54
%
Bottom Compensation Duty Ratio
DBOM
17.7
18.6
19.5
%
Leading Edge Blanking Time
TLEB
250
nS
Inter Slope Compensation
0% to DMAX.
(Linearly increase)
VSLOPE
285
300
315
mV
Input impedance
ZIN
1
--
10
M
Delay to Output
TD
50
100
150
nS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com