Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 6 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 6 Page - Leadtrend Technology

Back Button LD5532 Datasheet HTML 2Page - Leadtrend Technology LD5532 Datasheet HTML 3Page - Leadtrend Technology LD5532 Datasheet HTML 4Page - Leadtrend Technology LD5532 Datasheet HTML 5Page - Leadtrend Technology LD5532 Datasheet HTML 6Page - Leadtrend Technology LD5532 Datasheet HTML 7Page - Leadtrend Technology LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology LD5532 Datasheet HTML 10Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
LD5532
6
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
PARAMETER
CONDITIONS
Symbol
MIN
TYP
MAX
UNITS
Oscillator for Switching Frequency
Frequency, FREQ
FSW
60
65
70
kHz
Green Mode Frequency, FREQG
FSW_GRN
22
25
28
kHz
Trembling Frequency
FTRM
3.0
4.0
5.0
kHz
Low Frequency period (FM)
FL
200
220
240
Hz
Temp. Stability(*)
TSTAB
0
--
3
%
Voltage Stability(*)
(VCC=11V-25V)
VSTAB
0
--
1
%
Gate Drive Output (OUT Pin)
Output Low Level
VCC=15V, Io=20mA
VO_L
0
--
1
V
Output High Level
VCC=15V, Io=20mA
VO_H
8
--
15
V
Rising Time(*)
Load Capacitance=1000pF
TR
--
150
250
nS
Falling Time(*)
Load Capacitance=1000pF
TF
--
50
100
nS
Max.Duty
DMAX
70
75
80
%
OLP (Over Load Protection)
OLP Trip Level
VCOMP_OLP
4.3
4.5
4.7
V
OLP Delay Time
TD_OLP
58
65
72
mS
Brownout Protection (BNO Pin)
Brownout turn-on Trip Level
VBNO_ON
1.00
1.05
1.10
V
Brownout turn-off Trip Level
VBNO_OFF
0.75
0.80
0.85
V
BNO Pin De-bounce Time
TD_BNO
58
65
72
ms
On Chip OTP (Over Temperature) Auto-Recovery
OTP Level(*)
TOTP
145
C
OTP Hysteresis(*)
TH_OTP
20
C
Soft-Start
Soft-Start Duration
Enable
TSS
6
ms
Notes:
Guaranteed by design.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com