Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 8 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 8 Page - Leadtrend Technology

Back Button LD5532 Datasheet HTML 4Page - Leadtrend Technology LD5532 Datasheet HTML 5Page - Leadtrend Technology LD5532 Datasheet HTML 6Page - Leadtrend Technology LD5532 Datasheet HTML 7Page - Leadtrend Technology LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology LD5532 Datasheet HTML 10Page - Leadtrend Technology LD5532 Datasheet HTML 11Page - Leadtrend Technology LD5532 Datasheet HTML 12Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
LD5532
8
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
0
0.5
1
1.5
2
2.5
3
3.5
4
-40
0
40
80
120
Temperature (
C)
Fig. 7 Operating Current (VCOMP=3V) vs.Temperature
0
0.05
0.1
0.15
0.2
0.25
0.3
0.35
0.4
-40
0
40
80
120
Temperature (
C)
Fig. 8 ICOMP (VCOMP=0V) vs.Temperature
20
21
22
23
24
25
26
27
28
29
30
-40
0
40
80
120
Temperature (
C)
Fig. 9 VCC OVP vs.Temperature
3
3.5
4
4.5
5
5.5
6
6.5
7
-40
0
40
80
120
Temperature (
C)
Fig. 10 VCOMP (COMP Pin Open) vs.Temperature
0.9
0.95
1
1.05
1.1
-40
0
40
80
120
Temperature (
C)
Fig. 11 BNO_IN vs.Temperature
0.6
0.65
0.7
0.75
0.8
0.85
0.9
-40
0
40
80
120
Temperature (
C)
Fig. 12 BNO_OUT vs.Temperature



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com