Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 12 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 12 Page - Leadtrend Technology

Back Button LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology LD5532 Datasheet HTML 10Page - Leadtrend Technology LD5532 Datasheet HTML 11Page - Leadtrend Technology LD5532 Datasheet HTML 12Page - Leadtrend Technology LD5532 Datasheet HTML 13Page - Leadtrend Technology LD5532 Datasheet HTML 14Page - Leadtrend Technology LD5532 Datasheet HTML 15Page - Leadtrend Technology LD5532 Datasheet HTML 16Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
LD5532
12
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
CS
VCC
GND
LD5532
R-C filter is required upon negative spike
exceed -0.3V or the total spike width is over
250nS LEB period.
OUT
AC
Line
Fig. 21
Internal Slope Compensation
In the conventional applications, the problem of the stability
is a critical issue for current mode controlling, when it
operates over 50% duty-cycle. As UC384X, It takes slope
compensation from injecting the ramp signal of the RT/CT
pin through a coupling capacitor. It therefore requires no
extra design for the LD5532 since it has integrated it
already.
On/Off Control
The LD5532 can be turned off by pulling COMP pin below
1.5V.
The gate output pin of the LD5532 will be disabled
immediately under such condition. The off-mode can be
released when the pull-low signal is removed.
Over Load Protection (OLP) - Auto Recovery
To protect the circuit from damage due to over-load
condition, short or open-loop condition, the LD5532 is
implemented with smart OLP function. It also features auto
recovery function; see Fig. 22 for the waveform. In case of
fault condition, the feedback system will force the voltage
loop toward the saturation and then pull the voltage high on
COMP pin (VCOMP).
When the VCOMP ramps up to the
OLP threshold of 4.5V and continues over OLP delay time,
the protection will be activated and then turn off the gate
output to stop the switching of power circuit.
With the protection mechanism, the average input power will
be minimized to remain the component temperature and
stress within the safe operating area.
VCC
UVLO(on)
UVLO(off)
t
t
COMP
OLP
4.5V
t
OUT
OLP delay time
Switching
Switching
Non-Switching
OLP trip Level
UVLO(off)
OLP Reset
Fig. 22
OVP (Over Voltage Protection) on Vcc - Auto
Recovery
The maximum VGS ratings of the power MOSFETs are
mostly for 30V. To prevent the VGS from fault condition,
LD5532 is implemented with OVP function on Vcc.
If Vcc
voltage is higher than the OVP threshold, the output gate
drive circuit will be shut off simultaneously and the switching
of the power MOSFET is disabled until the next UVLO(on).
The Vcc OVP functions of LD5532 are auto-recoverable.
Open-loop of feedback will usually activate the OVP. Before



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com