Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 10 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 10 Page - Leadtrend Technology

Back Button LD5532 Datasheet HTML 6Page - Leadtrend Technology LD5532 Datasheet HTML 7Page - Leadtrend Technology LD5532 Datasheet HTML 8Page - Leadtrend Technology LD5532 Datasheet HTML 9Page - Leadtrend Technology LD5532 Datasheet HTML 10Page - Leadtrend Technology LD5532 Datasheet HTML 11Page - Leadtrend Technology LD5532 Datasheet HTML 12Page - Leadtrend Technology LD5532 Datasheet HTML 13Page - Leadtrend Technology LD5532 Datasheet HTML 14Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
LD5532
10
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
Application Information
Operation Overview
The LD5532 meets the green-power requirement and is
intended for the use in those modern switching power
suppliers and adaptors which demand higher power
efficiency and power-saving. It integrates more functions to
reduce the external components counts and the size. Its
major features are described as below.
Under Voltage Lockout (UVLO)
An UVLO comparator is implemented in it to detect the
voltage across VCC pin. It would assure the supply voltage
enough to turn on the LD5532 PWM controller and further to
drive the power MOSFET.
As shown in Fig. 17, a
hysteresis is built in to prevent shutdown from the voltage
dip during startup.
The turn-on and turn-off threshold level
are set at 16.0V and 8.0V, respectively.
Vcc
UVLO(on)
UVLO(off)
t
t
I(Vcc)
startup current
(~uA)
operating current
(~ mA)
Fig. 17
Startup Current and Startup Circuit
The typical startup circuit to generate VCC of the LD5532 is
shown in Fig. 18.
At the startup transient, the VCC is below
UVLO threshold. Before it has sufficient voltage to develop
OUT pulse to drive the power MOSFET, R1 will provide the
startup current to charge the capacitor C1.
Once VCC
obtains enough voltage to turn on the LD5532 and further to
deliver the gate drive signal, it will enable the auxiliary
winding of the transformer to provide supply current.
Lower startup current requirement on the PWM controller
will help to increase the value of R1 and then reduce the
power consumption on R1. By using CMOS process and the
special circuit design, the maximum startup current for
LD5532 is only 0.6
A.
If a larger resistor of R1 is chosen, it will usually take more
time to start up. A proper selection of R1 and C1 will
optimize the power consumption and startup time.
EMI
Filter
R1
OUT
CS
VCC
GND
LD5532
AC
input
C1
Cbulk
D1
Fig. 18
Current Sensing and Leading-edge Blanking
The typical current mode of PWM controller feedbacks both
current signal and voltage signal to close the control loop
and achieve regulation. As shown in Fig. 19, the LD5532
detects the primary MOSFET current from the CS pin for the
peak current mode control and also for the pulse-by-pulse
current limit. The maximum voltage threshold of the current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com