Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LD5532 Datasheet(PDF) 13 Page - Leadtrend Technology

Part # LD5532
Description  Green-Mode PWM Controller with Frequency Swapping and Audio Noise Prevention
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEADTREND [Leadtrend Technology]
Direct Link  https://www.leadtrend.com.tw/
Logo LEADTREND - Leadtrend Technology

LD5532 Datasheet(HTML) 13 Page - Leadtrend Technology

Back Button LD5532 Datasheet HTML 9Page - Leadtrend Technology LD5532 Datasheet HTML 10Page - Leadtrend Technology LD5532 Datasheet HTML 11Page - Leadtrend Technology LD5532 Datasheet HTML 12Page - Leadtrend Technology LD5532 Datasheet HTML 13Page - Leadtrend Technology LD5532 Datasheet HTML 14Page - Leadtrend Technology LD5532 Datasheet HTML 15Page - Leadtrend Technology LD5532 Datasheet HTML 16Page - Leadtrend Technology LD5532 Datasheet HTML 17Page - Leadtrend Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LD5532
13
Leadtrend Technology Corporation
www.leadtrend.com.tw
LD5532-DS-00 July 2014
it
’s released, the VCC will trip the OVP level again and
re-shutdown the output in hiccup mode. Fig. 23 shows the
operation.
Otherwise, when the OVP condition is removed, the Vcc
level will be resumed and the output will automatically return
to the normal operation.
VCC
UVLO(on)
UVLO(off)
t
OVP Tripped
t
OUT
Switching
Switching
Non-Switching
OVP Level
Fig. 23
Brownout Protection
The LD5532 is programmable for the brownout protection
point though BNO pin. The voltage across the BNO pin is
proportional to the bulk capacitor voltage, referred as the
line voltage.
A brownout comparator is implemented to
detect the abnormal line condition. As soon as the condition
is detected, it will shut down the controller to prevent the
damage.
Fig. 24 shows the operation.
When VBNO falls
below 0.80V, the gate output will remain off even as Vcc
achieved UVLO(ON). It therefore makes Vcc hiccup
between UVLO(ON) and UVLO(OFF).
Unless the line
voltage is large enough to pull VBNO over 1.05V, the gate
output will not start switching even when the next UVLO(ON)
is tripped. A hysteresis is implemented to prevent the false
trigger during turn-on and turn-off.
1.05V
t
Vcc
t
OUT
Switching
Non-Switching
t
VBNO
t
Line Voltage
0.80V
Non-
Switching
Normal Range
UVLO(on)
UVLO(off)
Fig. 24
Oscillator and Switching Frequency
The LD5532 is implemented with Frequency Swapping
function which helps the power supply designers to optimize
EMI performance in lower system cost.
The switching
frequency substantially centers at 65KHz, and swaps in the
range of ±4KHz.
Green-Mode Operation
By using the green-mode control, the switching frequency
can be reduced under the light load condition. This feature
helps to improve the efficiency in light load conditions. The
green-mode
control
is
Leadtrend
Technology
’s own
property.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com