Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 6 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 2Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 3Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 4Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 5Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 6Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 7Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 8Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 9Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 6 of 24
2.6 Electrical Specifications
Symbol
min
typ
max
Comment / Conditions
Absolute Maximum Ratings
Junction Temperature
TJ
-55°C
140°C
Input Peak Current
I
INpeak
30 mA
Latch up Current
100 mA
MIL-STD 883D, Method 3023
ESD
2 kV
MIL-STD 883D, Method 3015.7,
Human Body
Operating Range
Temperature
T
A
-40°C
85°C
RThJunctionAmbient
≤ 30 K/W @
IINpeak = 30 mA
Input Threshold Voltage
1) 3)
VIN,TH
3,1 Vp
4,2 Vp
start modulation after SETCC
Input Read Voltage
1) 3)
VIN,RD
3,5 Vp
4,5 Vp
read E²PROM
Input Write Voltage
1) 3)
VIN,WR
3,7 Vp
4,7 Vp
write E²PROM
Demodulator
Range
3)
VDEM_R
2,0 Vp
4,0 Vp
VINHigh - VINLow @ VINHigh = 5,0 Vp
T0=8 µs, TMOD=6*T0
2)
Modulator
R_MOD linear
3)
RMODL
4,5 k
Ω V
INLow
≤ 2,0 V
p
R_MOD nonlinear
3)
RMODNL
3,6 k
Ω V
INLow
≥ 2,0 V
p
Resonance Capacitor
3)
CResInit
189 pF
210 pF
231 pF
VIN = 4,0 Vp
EEPROM
Write Current
4)
IW
25 µA
VDD = 2,8 V
Read Current
4)
IR
9 µA
VDD = 2,8 V
Data Retention
Years
10
@ 55°C
Write Endurance
Cycles
100.000
1)
V
IN
 = V
IN1
− V
IN2
 ... voltage between connection pads
2)
VINHigh
input voltage before modulation
VINLow
input voltage during modulation
TMOD
duration of the modulation
3)
@ Ri = 10 k
Ω resistance of measurement equipment
4)
tested on silicon level



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com