Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 8Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 9Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 10Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 11Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 12Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 13Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 12 of 24
5 Functional Description of HITAG 1
5.1 Memory Organization
The 2 kBit EEPROM memory on the transponder is divided into 16 blocks.
Every block consists of 4 pages. A page is the smallest access unit.
Every page consists of 4 bytes (at 8 bits).
Block access is only available for Blocks 2-15, page access is available for Pages 0-63.
read only
read/write
write only
one time programmable
neither read nor write
ro
r/w
wo
OTP
0
Serial Number
Logdata 1B
Logdata 0A
Logdata 1A
Logdata 0B
Configuration
Key A
Key B
Block 1
Block 4
Block 7
Block 8
Block 15
user data
user data
user data
Block 0
Configuration of the memory is
done in the configuration page
secret
secret
or
public
public
public
r/w
or
OTP
r/w
or
0
wo or 0
r/w
secret
Areas (or settings) with light dark background may be configured by the OEM client using the
Configuration Page (Page 1).
Memory locations marked with "secret" can only be accessed after a mutual authentication. An
enciphered data communication is used in that area.
Memory locations marked with "public" can be accessed without mutual authentication, no
encryption is used.
Block 0 includes the unique serial number (programmed during the production process), the
Configuration Page (configuration of the memory area) and the keys, Block 1 includes the
logdata.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com