Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 9Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 10Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 11Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 12Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 13Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 13 of 24
Blocks 4 to 7 can be used either as secret or public areas (configurable), and Blocks 2 to 7 either
as read / write or read only areas (configurable). You can also modify keys and logdata and
prevent them from being accessed.
Finally the Configuration Page itself can be set to read only.
It is extremely important to be particularly careful when using the Configuration Page (it
only can be set to read only once!), keys and logdata as you can lose access to the secret
area on the transponder in case of a mistake.
ATTENTION:
Changing of the Configuration Page (Page 1), Keys and Logdata must be done in secure
environment. The transponder must not be moved out of the communication field of the
antenna during programming! We recommend to put the transponder close to the antenna
(zero-distance) and not to remove it during programming.
5.2 Anticollision
Anticollision Mode in long range applications including HITAG 1 transponders permits you to
process several transponders simultaneously. Theoretically up to 2
32
transponders can be
processed simultanously. In practice this number is limited, because of the mutual influence of the
transponders - they detune each other, if there are too many too close to each other.
The currently used read/write device must also support full anticollision feature (e.g. HTRM800).
For read/write devices without that feature only one transponder is handled even if there are
several transponders within the communication field of the antenna. In this case either no
communication takes place or the "stronger" or closer transponder takes over.
By muting a selected transponder (HALT Mode) another transponder that is to be found in the
communication field of the antenna can be recognized.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com