Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 17 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 17 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 13Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 18Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 19Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 20Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 21Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 17 of 24
5.4 Configuration of Delivered HITAG 1 Transponders
HITAG 1 transponders are delivered with the following configuration by Philips Semiconductors:
Unique Serial Number:
Serial Number:
Read Only
-
fixed
Configuration Byte 0:
Logdata:
‘1’ = r/w
-
can be changed
Key A, Key B:
‘1’ = wo
-
can be changed
Blocks 2 - 7:
‘1’ = r/w
-
can be changed
Configuration Byte 1:
OEM Lock Bit:
‘1’ = Configuration Page is r/w
-
can be changed
Blocks 4 - 7:
‘1’ = public
-
can be changed
Value for Transport Keys, Transport Logdata:
0x00000000
RECOMMENDATION:
Before delivering transponders to end users, the Configuration Page should be set to read only
(Configuration Byte 1/Bit 4 = ‘0’).
5.5 Definition of Keys and Logdata
In order to be able to read data from the secret area of a transponder, you have to carry out a
procedure called authentication. To do this you need special data (keys).
After transmitting the according command the authentication is automatically carried out by the
read/write device.
Keys are cryptographic codes, which determine data encryption during data transfer between
read/write device and transponder.
Two keys (Key A and Key B) which you can use independently of each other, have been installed
for security and flexibility reasons. The identity of either Key A or Key B on the read/write device
and on the transponder is sufficient.
Logdata represent "passwords" needed to gain access to secret areas on the transponder. A pair
of logdata is included with every cryptographic key (Key A and Key B). This logdata pair has to
be identical both on the transponder and the read/write device.
ad Key A:
Logdata 0 A
"Password" which the transponder sends to
the read/write device and which is verified
by the latter.
Logdata 1 A
"Password"
which
the
read/write
device
sends
to
the
transponder
and
which
is
checked for identity by the latter.
ad Key B:
Logdata 0 B and
Logdata 1 B
analogous to Key A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com