Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 16 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 16 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 12Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 13Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 18Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 19Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 20Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 16 of 24
Configuration Byte 1:
Configuration Byte 1 / Bits 5 ... 7:
These three bits are reserved.
ATTENTION: When writing a new value to Configuration Byte 1, bit positions marked as
“reserved“ must not be altered. To meet that condition read the current Configuration
Byte 1 value and mask in your new values for bit positions you are allowed to change.
Configuration Byte 1 / Bit 4:
Bit 4 = ‘1’: Configuration Page can be read and written to.
Bit 4 = ‘0’: Configuration Page can only be read. This process is irreversible !
ATTENTION: Do not set Bit 4 of Configuration Byte 1 to ‘0’ before having written the
final data into the Configuration Page of the transponder.
Configuration Byte 1 / Bits 1 ... 3:
These three bits are reserved.
ATTENTION: When writing a new value to Configuration Byte 1, bit positions marked as
“reserved“ must not be altered. To meet that condition read the current Configuration
Byte 1 value and mask in your new values for bit positions you are allowed to change.
Configuration Byte 1 / Bit 0:
Bit 0 = ‘0’: Access type for Blocks 4 to 7 is SECRET.
Bit 0 = ‘1’: Access type for Blocks 4 to 7 is PUBLIC.
This bit can be set or reset until Bit 4 of Configuration Byte 1 is set to ‘0’.
1
0
3
2
5
4
7
6
Access type for Blocks 4 to 7: "0" ... SECRET
"1" ... PUBLIC
reserved
reserved
reserved
OEM Lock Bit: "0" ... Configuration Page is ro
"1" ... Configuration Page is r/w
reserved
reserved
reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com