Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 15 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 15 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 11Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 12Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 13Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 18Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 19Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 15 of 24
Configuration Byte 0:
Configuration Byte 0 / Bit 7:
Bit 7 = ‘1’: Logdata can be read and written to.
Bit 7 = ‘0’: Logdata cannot be accessed.
This bit can be set or reset until Bit 4 of Configuraion Byte 1 is set to ‘0’.
For further information on Logdata and Keys see chapter “Definition of Keys and Logdata“.
Configuration Byte 0 / Bit 6:
Bit 6 = ‘1’: Keys can only be written to.
Bit 6 = ‘0’: Keys cannot be accessed.
This bit can be set or reset until Bit 4 of Configuration Byte 1 is set to ‘0’.
For further information on Logdata and Keys see chapter “Definition of Keys and Logdata“.
Configuration Byte 0 / Bits 0 ... 5:
If one of these Configuration Bits is ‘1’, the corresponding block of the transponder can be read
and written.
If the bit is set to ‘0’, the corresponding block can only be read.
Within one block the configuration is always identical, that means either all 4 pages are read/write
or all of them are read only.
These bits can be set or reset until Bit 4 of Configuration Byte 1 is set to ‘0’.
1
0
3
2
5
4
7
6
Block 7: "1" ... r/w
"0" ... ro
Block 6: "1" ... r/w
"0" ... ro
Block 5: "1" ... r/w
"0" ... ro
Block 4: "1" ... r/w
"0" ... ro
Block 3: "1" ... r/w
"0" ... ro
Block 2: "1" ... r/w
"0" ... ro
Key A and Key B:
"1" ... wo
"0" ... 0
Logdata A and B:
"1" ... r/w
"0" ... 0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com