Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 18 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 18 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 18Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 19Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 20Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 21Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 22Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 18 of 24
It is important that the following values are in accordance with each other, i.e. the respective data
on the read/write device and on the transponder have to be identical pairs:
on the
read/write
device
on the
transponder
KEY A
⇔
KEY A
LOGDATA 0A
⇔ LOGDATA 0A  Set A
LOGDATA 1A
⇔ LOGDATA 1A 
KEY B
⇔
KEY B
LOGDATA 0B
⇔ LOGDATA 0B  Set B
LOGDATA 1B
⇔ LOGDATA 1B 
The keys and logdata are predefined by Philips Semiconductors by means of defined Transport
Keys (both keys show the same bit map) and Transport Logdata (all logdata show the same bit
map), see also chapter “Configuration of Delivered HITAG 1 Transponders“.
They can be written to, which means that they can be changed.
ATTENTION: Keys and Logdata only can be changed if their current values are known!



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com