Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HT1MOA3S30/E/3 Datasheet(PDF) 14 Page - NXP Semiconductors

Part # HT1MOA3S30/E/3
Description  HITAGTM1 Chip Module
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

HT1MOA3S30/E/3 Datasheet(HTML) 14 Page - NXP Semiconductors

Back Button HT1MOA3S30/E/3 Datasheet HTML 10Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 11Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 12Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 13Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 14Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 15Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 16Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 17Page - NXP Semiconductors HT1MOA3S30/E/3 Datasheet HTML 18Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 24 page
background image
Specifications of the HT1 MOA3 S30
Rev. 1.1
1997-08-19
Ht1moa3.doc/HS
Page 14 of 24
5.3 Operation Modes and Configuration
5.3.1 Modes of Operation
The HITAG 1 can be operated in two modes (Standard Protocol Mode, Advanced Protocol
Mode) that cannot be configured using the Configuration Page, but via special host commands.
Advanced Protocol Mode is not available for HITAG 1 transponders based on ASIC HT1 ICS30 01x
(only available for HITAG 1 transponders based on ASIC HT1 ICS30 02x) and uses, above all, an
additional Cyclic Redundancy Check (CRC) for read operations.
5.3.2 Configuration
The Configuration Page consists of 4 Configuration Bytes, the first two bytes are used for
configuration, the other two bytes can be used freely.
The bitmaps in Configuration Bytes 0 and 1 determine the configuration of the memory, i.e. they
define which area is secret or public, read/write, read only, write only or neither read nor write.
You can allocate and write the Configuration Page until it is locked (Bit 4 of Configuration Byte
1 is set to ‘0’).
After that these bytes are read only bytes and the configuration of the transponder memory cannot
be changed any more.
ATTENTION: Once set to read only the Configuration Page cannot be changed back to
read/write again (transponder is hardware protected)!
Configuration Bytes 2 and 3: These two bytes, too, are set to read only by the OEM Lock Bit
(Configuration Byte 1 / Bit 4 = ”0”). Considering that fact you can use these two bytes freely.
They will not affect memory configuration.
Explanations of abbreviations used:
r/w
read and write
ro
read only
wo
write only
0
neither read nor write



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com