Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 21 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 17Page - NXP Semiconductors IMX7SCEC Datasheet HTML 18Page - NXP Semiconductors IMX7SCEC Datasheet HTML 19Page - NXP Semiconductors IMX7SCEC Datasheet HTML 20Page - NXP Semiconductors IMX7SCEC Datasheet HTML 21Page - NXP Semiconductors IMX7SCEC Datasheet HTML 22Page - NXP Semiconductors IMX7SCEC Datasheet HTML 23Page - NXP Semiconductors IMX7SCEC Datasheet HTML 24Page - NXP Semiconductors IMX7SCEC Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
21
4.1.2
Thermal resistance
4.1.2.1
FPBGA case “X” and case “Y” package thermal resistance
Table 8 displays the thermal resistance data.
Per JEDEC JESD51-2, the intent of thermal resistance measurements is solely for a thermal performance
comparison of one package to another in a standardized environment. This methodology is not meant to
and does not predict the performance of a package in an application-specific environment.
4.1.3
Operating ranges
Table 9 provides the operating ranges of the i.MX 7Solo family of processors. For details on the chip's
power structure, see the “Power Management Unit (PMU)” chapter of the i.MX 7Solo Application
Processor Reference Manual (IMX7SRM).
1 OVDD is the I/O supply voltage.
Table 8. Thermal Resistance Data
Rating
Test conditions
Symbol
12x12
pkg value
19x19
pkg value Unit
Junction to Ambient1
1 Junction temperature is a function of die size, on-chip power dissipation, package thermal resistance, mounting site (board)
temperature, ambient temperature, air flow, power dissipation of other components on the board, and board thermal
resistance.
Single-layer board (1s); natural convection2
Four-layer board (2s2p); natural convection2
2 Per JEDEC JESD51-2 with the single layer board horizontal. Thermal test board meets JEDEC specification for the specified
package.
RJA
RJA
55.4
32.6
44.4
30.2
oC/W
oC/W
Junction to Ambient1
Single-layer board (1s); airflow 200 ft/min2,3
Four-layer board (2s2p); airflow 200 ft/min2,3
3 Per JEDEC JESD51-6 with the board horizontal.
RJA
RJA
41.8
28.0
34.3
25.8
oC/W
oC/W
Junction to Board1,4
4 Thermal resistance between the die and the printed circuit board per JEDEC JESD51-8. Board temperature is measured on
the top surface of the board near the package.
—
RJB
16.0
17.4
oC/W
Junction to Case1,5
5 Thermal resistance between the die and the case top surface as measured by the cold plate method (MIL SPEC-883 Method
1012.1).
—
RJC
10.5
10.4
oC/W
Junction to Package Top1,6
6 Thermal characterization parameter indicating the temperature difference between package top and the junction temperature
per JEDEC JESD51-2. When Greek letters are not available, the thermal characterization parameter is written as Psi-JT.
Natural Convection
JT
0.2
0.2
oC/W
Junction to Package Bottom
Natural Convection
RB_CSB
15.3
17.3
oC/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com