Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 39 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 35Page - NXP Semiconductors IMX7SCEC Datasheet HTML 36Page - NXP Semiconductors IMX7SCEC Datasheet HTML 37Page - NXP Semiconductors IMX7SCEC Datasheet HTML 38Page - NXP Semiconductors IMX7SCEC Datasheet HTML 39Page - NXP Semiconductors IMX7SCEC Datasheet HTML 40Page - NXP Semiconductors IMX7SCEC Datasheet HTML 41Page - NXP Semiconductors IMX7SCEC Datasheet HTML 42Page - NXP Semiconductors IMX7SCEC Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
39
DDRMC operation with the standards stated above is contingent upon the board DDR design adherence
to the DDR design and layout requirements stated in the hardware development guide for the i.MX 7
application processor.
4.5.2.1
LPDDR3 mode I/O DC parameters
Table 23. DC input logic level
Characteristics
Symbol
Min
Max
Unit
DC input logic high1
1 It is the relationship of the VDDQ of the driving device and the VREF of the receiving device that determines noise margins.
However, in the case of VIH(DC) max (that is, input overdrive), it is the VDDQ of the receiving device that is referenced.
VIH(DC)
VREF +100
—
mV
DC input logic low1
VIL(DC)
—
VREF –100
Table 24. Output DC current drive
Characteristics
Symbol
Min
Max
Unit
Output minimum source DC current1
1 When DDS=[111] and without ZQ calibration.
IOH(DC)
–4
—
mA
Output minimum sink DC current1
IOL(DC)
4
—
mA
DC output high voltage(IOH = –0.1mA)1,2
2 The values of VOH and VOL are valid only for 1.2 V range.
VOH
0.9  VDDQ
—
V
DC output low voltage(IOL = 0.1mA)1,2
VOL
—
0.1  VDDQ
V
Table 25. Input DC current
Characteristics
Symbol
Min
Max
Unit
High level input current1,2
1 The values of VOH and VOL are valid only for 1.2 V range.
2 Driver Hi-Z and input power-down (PD=High)
IIH
–25
25
A
Low level input current1,2
IIL
–25
25
A
Table 26. LPDDR3 I/O DC electrical parameters
Parameters
Symbol
Test
Conditions
Min
Max
Unit
High-level output voltage
VOH
Ioh= -0.1mA
0.9  OVDD
—
V
Low-level output voltage
VOL
Iol= 0.1mA
—
0.1  OVDD
V
Input Reference Voltage
Vref
—
0.49  OVDD
0.51  OVDD
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com