Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 6 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 2Page - NXP Semiconductors IMX7SCEC Datasheet HTML 3Page - NXP Semiconductors IMX7SCEC Datasheet HTML 4Page - NXP Semiconductors IMX7SCEC Datasheet HTML 5Page - NXP Semiconductors IMX7SCEC Datasheet HTML 6Page - NXP Semiconductors IMX7SCEC Datasheet HTML 7Page - NXP Semiconductors IMX7SCEC Datasheet HTML 8Page - NXP Semiconductors IMX7SCEC Datasheet HTML 9Page - NXP Semiconductors IMX7SCEC Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 155 page
background image
i.MX 7Solo introduction
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
6
– 1-bit, 4-bit, or 8-bit transfer mode specifications for MMC cards up to 200 MHz in both
SDR and DDR modes, including HS200 and HS400 DDR modes
• USB:
— One high-speed (HS) USB 2.0 OTG (Up to 480 Mbps), with integrated HS USB PHY
— One high-speed USB 2.0 (480 Mbps) host with integrated HSIC USB (high-speed inter-chip
USB) PHY
• Miscellaneous IPs and interfaces:
— Three instances of SAI supporting up to three I2S and AC97 ports
— Seven UARTs, up to 4.0 Mbps:
– Providing RS232 interface
– Supporting 9-bit RS485 Multidrop mode
— Four eCSPI (Enhanced CSPI)
— Four I2C, supporting 400 kbps
— 1-gigabit Ethernet controller (designed to be compatible with IEEE Std 1588), 10/100/1000
Mbps with AVB support
— Four pulse width modulators (PWM)
— System JTAG controller (SJC)
— GPIO with interrupt capabilities
— 8x8 key pad port (KPP)
— One quad SPI
— Four watchdog timers (WDOG)
— One (12 x 12 mm) or two (19 x 19 mm) 2-channel, 12-bit analog-to-digital converters
(ADC)—effective number of bits (ENOB) can vary (typically 9–10 bits) depending on the
system implementation and the condition of the power/ground noise condition
The i.MX 7Solo family of processors integrates advanced power management unit and controllers:
• PMU (power-management unit), multiple LDO supplies, for on-chip resources
• Temperature sensor for monitoring the die temperature
• Software state retention and power gating for Arm and NEON
• Support for various levels of system power modes
• Flexible clock gating control scheme
The i.MX 7Solo family of processors uses dedicated hardware accelerators to meet the targeted
multimedia performance. The use of hardware accelerators is a key factor in obtaining high performance
at low power consumption numbers, while having the CPU core relatively free for performing other tasks.
The i.MX 7Solo family of processors incorporates the following hardware accelerators:
• PXP—PiXel processing pipeline for imagine resize, rotation, overlay and CSC. Off loading key
pixel processing operations are required to support the LCD.
Security functions are implemented by the following hardware:
• Arm TrustZone technology including separation of interrupts and memory mapping



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com