Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 96 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 96 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 92Page - NXP Semiconductors IMX7SCEC Datasheet HTML 93Page - NXP Semiconductors IMX7SCEC Datasheet HTML 94Page - NXP Semiconductors IMX7SCEC Datasheet HTML 95Page - NXP Semiconductors IMX7SCEC Datasheet HTML 96Page - NXP Semiconductors IMX7SCEC Datasheet HTML 97Page - NXP Semiconductors IMX7SCEC Datasheet HTML 98Page - NXP Semiconductors IMX7SCEC Datasheet HTML 99Page - NXP Semiconductors IMX7SCEC Datasheet HTML 100Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
96
4.10.8.4 Possible VCMTX and VOD Distortions of the Single-ended HS Signals
Figure 66. Possible VCMTX and VOD Distortions of the Single-ended HS Signals
4.10.8.5 MIPI PHY switching characteristics
Table 70. Electrical and Timing Information
Symbol
Parameters
Test Conditions
Min
Typ
Max
Unit
HS Line Drivers AC Specifications
—
Maximum serial data rate (forward
direction)
On DATAP/N outputs.
80  <= RL <= 125 
80
—
1500
Mbps
FDDRCLK
DDR CLK frequency
On DATAP/N outputs.
40
—
750
MHz
PDDRCLK
DDR CLK period
80 = RL< = 125 
1.33
—
25
ns
tCDC
DDR CLK duty cycle
tCDCtCPHPDDRCLK
—
50
—
%
tCPH
DDR CLK high time
—
—
1
—
UI
tCPL
DDR CLK low time
—
—
1
—
UI
—
DDR CLK / DATA Jitter
—
—
75
—
ps pk–pk
tSKEW[PN]
Intra-Pair (Pulse) skew
—
—
0.075
—
UI
tSKEW[TX]
Data to Clock Skew
—
0.350
—
0.650
UI
tr
Differential output signal rise time
20% to 80%, RL = 50 
150
—
0.3UI
ps
tf
Differential output signal fall time
20% to 80%, RL = 50 
150
—
0.3UI
ps
VCMTX(HF)
Common level variation above 450 MHz 80 <= RL< = 125 
—
—
15
mVrms
VCMTX(LF)
Common level variation between 50
MHz and 450 MHz.
80 <= RL< = 125 
—
—
25
mVp
 
VOD(0)
VOD(1)
VOD/2
VOD/2
VOD (SE HS Signals)
Static VCMTX (SE HS Signals)
Dynamic VCMTX (SE HS Signals)
VDN
VCMTX
VDP
VDN
VCMTX
VDP
VDN
VCMTX
VDP
VOD(0)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com