Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 1 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 1 Page - NXP Semiconductors

  IMX7SCEC Datasheet HTML 1Page - NXP Semiconductors IMX7SCEC Datasheet HTML 2Page - NXP Semiconductors IMX7SCEC Datasheet HTML 3Page - NXP Semiconductors IMX7SCEC Datasheet HTML 4Page - NXP Semiconductors IMX7SCEC Datasheet HTML 5Page - NXP Semiconductors IMX7SCEC Datasheet HTML 6Page - NXP Semiconductors IMX7SCEC Datasheet HTML 7Page - NXP Semiconductors IMX7SCEC Datasheet HTML 8Page - NXP Semiconductors IMX7SCEC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 155 page
background image
Ordering Information
See Table 1 on page 3
MCIMX7SxDxxxxxD
MCIMX7SxExxxxxD
NXP Semiconductors
Data Sheet: Technical Data
Document Number: IMX7SCEC
Rev. 7, 09/2023
Package Information
Plastic Package
BGA 12 x 12 mm, 0.4 mm pitch
BGA 19 x 19 mm, 0.75 mm pitch
© 2016, 2017, 2019, 2023 NXP B.V.
NXP reserves the right to change the detail specifications as may be required to permit improvements in the design of
its products.
1
i.MX 7Solo introduction
The i.MX 7Solo family of processors represents NXP’s
latest achievement in high-performance processing for
low-power requirements with a high degree of functional
integration. These processors are targeted towards the
growing market of connected and portable devices.
The i.MX 7Solo family of processors features advanced
implementation of the Arm® Cortex®-A7 core, which
operates at speeds of up to 800 MHz. The i.MX 7Solo
family provides up to 32-bit
DDR3/DDR3L/LPDDR2/LPDDR3-1066 memory
interface and a number of other interfaces for connecting
peripherals, such as WLAN, Bluetooth, GPS, displays,
and camera sensors.
i.MX 7Solo Family of
Applications Processors
Datasheet
1 i.MX 7Dual introduction. . . . . . . . . . . . . . . . . . . . . . . . . . . 1
1.1 Ordering information . . . . . . . . . . . . . . . . . . . . . . . . 3
1.2 Features . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 4
2 Architectural overview. . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
2.1 Block diagram . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8
3 Modules list . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
3.1 Special signal considerations . . . . . . . . . . . . . . . . 16
3.2 Recommended connections for unused analog
interfaces. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 19
4 Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . 20
4.1 Chip-level conditions . . . . . . . . . . . . . . . . . . . . . . . 20
4.2 Integrated LDO voltage regulator parameters. . . . 40
4.3 PLL electrical characteristics. . . . . . . . . . . . . . . . . 42
4.4 On-chip oscillators. . . . . . . . . . . . . . . . . . . . . . . . . 42
4.5 I/O DC parameters . . . . . . . . . . . . . . . . . . . . . . . . 43
4.6 I/O AC parameters. . . . . . . . . . . . . . . . . . . . . . . . . 47
4.7 Output buffer impedance parameters . . . . . . . . . . 51
4.8 System modules timing . . . . . . . . . . . . . . . . . . . . . 53
4.9 General-purpose media interface (GPMI) timing. . 73
4.10 External peripheral interface parameters . . . . . . . 81
4.11 12-Bit A/D converter (ADC) . . . . . . . . . . . . . . . . . 118
5 Boot mode configuration . . . . . . . . . . . . . . . . . . . . . . . . 119
5.1 Boot mode configuration pins . . . . . . . . . . . . . . . 119
5.2 Boot device interface allocation. . . . . . . . . . . . . . 120
6 Package information and contact assignments . . . . . . 122
6.1 12 x 12 mm package information . . . . . . . . . . . . 122
6.2 19 x 19 mm package information . . . . . . . . . . . . 139
7 Release notes . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 157


Similar Part No. - IMX7SCEC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC Datasheet
1Mb / 152P
i.MX 7Solo Family
Rev. 5, 07/2017
More results

Similar Description - IMX7SCEC

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9328MX21 MOTOROLA-MC9328MX21 Datasheet
1Mb / 106P
i.MX family of microprocessors
logo
Freescale Semiconductor...
MC9328MX21 FREESCALE-MC9328MX21_06 Datasheet
1Mb / 98P
i.MX family of microprocessors
MC9328MX1 FREESCALE-MC9328MX1_06 Datasheet
1Mb / 100P
MX Family of applications processors
MC9328MXL FREESCALE-MC9328MXL_06 Datasheet
1Mb / 90P
MX Family of applications processors
MC9328MXS FREESCALE-MC9328MXS Datasheet
1Mb / 74P
MX Family of applications processors
MC9328MX21 FREESCALE-MC9328MX21_09 Datasheet
2Mb / 100P
i.MX family of microprocessors
logo
NXP Semiconductors
IMX7SCEC NXP-IMX7SCEC Datasheet
1Mb / 152P
i.MX 7Solo Family
Rev. 5, 07/2017
IMX8XLB0IEC NXP-IMX8XLB0IEC Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 2, 03/2023
IMX8XLB0IEC NXP-IMX8XLB0IEC_V01 Datasheet
1Mb / 112P
i.MX 8XLite Industrial Applications Processors
Rev. 3, 08/2023
IMX7DCEC NXP-IMX7DCEC_V01 Datasheet
2Mb / 161P
i.MX 7Dual Family of Applications Processors Datasheet
Rev. 7, 09/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com