Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IMX7SCEC Datasheet(PDF) 32 Page - NXP Semiconductors

Part # IMX7SCEC
Description  i.MX 7Solo Family of Applications Processors Datasheet
PDF  155 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

IMX7SCEC Datasheet(HTML) 32 Page - NXP Semiconductors

Back Button IMX7SCEC Datasheet HTML 28Page - NXP Semiconductors IMX7SCEC Datasheet HTML 29Page - NXP Semiconductors IMX7SCEC Datasheet HTML 30Page - NXP Semiconductors IMX7SCEC Datasheet HTML 31Page - NXP Semiconductors IMX7SCEC Datasheet HTML 32Page - NXP Semiconductors IMX7SCEC Datasheet HTML 33Page - NXP Semiconductors IMX7SCEC Datasheet HTML 34Page - NXP Semiconductors IMX7SCEC Datasheet HTML 35Page - NXP Semiconductors IMX7SCEC Datasheet HTML 36Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 155 page
background image
Electrical characteristics
i.MX 7Solo Family of Applications Processors Datasheet, Rev. 7, 09/2023
NXP Semiconductors
32
4.1.8
Power-up sequence
The i.MX7 processor has the following power-up sequence requirements:
• VDD_SNVS_IN to be turned on before any other power supply. If a coin cell is used to power
VDD_SNVS_IN, then ensure that it is connected before any other supply is switched on.
• VDD_SOC to be turned on before NVCC_DRAM and NVCC_DRAM_CKE.
• VDD_ARM, VDD_SOC, VDDA_1P8_IN, VDD_LPSR_IN and all I/O power (NVCC_*) should
be turned on after VDD_SVNS_IN is active. But there is no sequence requirement among these
power rails other than the sequence requirement between VDD_SOC and
NVCC_DRAM/NVCC_DRAM_CKE.
• There are no special timing requirements for VDD_USB_OTG1_3P3_IN and
VDD_USB_OTG2_3P3_IN.
The POR_B input (if used) must be immediately asserted at power-up and remain asserted until the last
power rail reaches its working voltage. In the absence of an external reset feeding the POR_B input, the
internal POR module takes control.
The power-up sequence is shown in Figure 4 with the following timing parameters:
T1
Time from SVNS power stable to other power rails start to ramp, minimal delay is 2ms,
no max delay requirement.
T2
Time from first power rails (except SNVS) ramp up to all the power rails get stable,
minimal delay is 0ms, no max delay requirement.
T3
Time from all power rails get stable to power-on reset, minimal delay is 0ms, no max
delay requirement.
T6
Time from VDD_SOC get stable to NVCC_DRAM/NVCC_DRAM_CKE start to
ramp, minimal delay is 0ms, no max delay requirement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com